Electronic Components Datasheet Search
  English  ▼

X  

AD8113JSTZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD8113JSTZ
Description  Audio/Video 60 MHz 16  16, G = 2 Crosspoint Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8113JSTZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8113JSTZ Datasheet HTML 15Page - Analog Devices AD8113JSTZ Datasheet HTML 16Page - Analog Devices AD8113JSTZ Datasheet HTML 17Page - Analog Devices AD8113JSTZ Datasheet HTML 18Page - Analog Devices AD8113JSTZ Datasheet HTML 19Page - Analog Devices AD8113JSTZ Datasheet HTML 20Page - Analog Devices AD8113JSTZ Datasheet HTML 21Page - Analog Devices AD8113JSTZ Datasheet HTML 22Page - Analog Devices AD8113JSTZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
REV. A
AD8113
–19–
late, and the bandwidth limitations of the devices will com-
pound. In addition, the extra devices will consume more current
and take up more board space. Once again, the overall system
design specifications will determine how to make the various
trade-offs.
Multichannel Video and Audio
The good video specifications of the AD8113 make it an ideal
candidate for creating composite video crosspoint switches. These
can be made quite dense by taking advantage of the AD8113’s
high level of integration and the fact that composite video requires
only one crosspoint channel per system video channel. There are,
however, other video formats that can be routed with the AD8113,
requiring more than one crosspoint channel per video channel.
Some systems use twisted-pair wiring to carry video or audio sig-
nals. These systems utilize differential signals and can lower costs
because they use lower cost cables, connectors, and termination
methods. They also have the ability to lower crosstalk and reject
common-mode signals, which can be important for equipment that
operates in noisy environments, or where common-mode voltages
are present between transmitting and receiving equipment.
In such systems, the audio or video signals are differential; there
are positive and negative (or inverted) versions of the signals.
These complementary signals are transmitted onto each of the
two wires of the twisted pair, yielding a first order zero common-
mode voltage. At the receive end, the signals are differentially
received and converted back into a single-ended signal.
When switching these differential signals, two channels are
required in the switching element to handle the two differential
signals that make up the video or audio channel. Thus, one
differential video or audio channel is assigned to a pair of
crosspoint channels, both input and output. For a single AD8113,
eight differential video or audio channels can be assigned to the
16 inputs and 16 outputs. This will effectively form an 8
× 8
differential crosspoint switch.
Programming such a device will require that inputs and outputs be
programmed in pairs. This information can be deduced through
inspection of the programming format of the AD8113 and the
requirements of the system.
There are other analog video formats requiring more than one
analog circuit per video channel. One two-circuit format that is
commonly being used in systems such as satellite TV, digital
cable boxes, and higher quality VCRs, is called S-video or Y/C
video. This format carries the brightness (luminance or Y)
portion of the video signal on one channel and the color (chromi-
nance, chroma, or C) on a second channel.
Since S-video also uses two separate circuits for one video channel,
creating a crosspoint system requires assigning one video channel
to two crosspoint channels as in the case of a differential video
system. Aside from the nature of the video format, other aspects
of these two systems will be the same. Stereo audio can also be
routed in a paired-channel arrangement similar to a two-channel
video system.
16
RTERM
IN 00–15
8
8
IN 16–31
IN 32–47
IN 48–63
IN 64 –79
IN 80–95
IN 96 –111
IN 112 –127
8
8
8
8
RANK 2
32:16 NONBLOCKING
(32:32 BLOCKING)
RANK 1
(8
AD8113)
128:32
RTERM
8
8
RTERM
8
8
RTERM
8
8
RTERM
8
8
RTERM
8
8
RTERM
8
8
RTERM
8
8
8
1k
8
1k
8
1k
8
1k
AD8113
OUT 00 –15
NONBLOCKING
ADDITIONAL
16 OUTPUTS
(SUBJECT
TO BLOCKING)
AD8113
AD8113
AD8113
AD8113
AD8113
AD8113
AD8113
AD8113
1k
1k
1k
1k
1k
1k
1k
1k
16
16
16
16
16
16
16
1k
1k
1k
1k
1k
1k
1k
1k
1k
1k
1k
1k
1k
1k
1k
1k
AD8113
Figure 12. Nonblocking 128
× 16 Audio Array (128 × 32 Blocking)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com