Electronic Components Datasheet Search
  English  ▼

X  

AD8113JSTZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD8113JSTZ
Description  Audio/Video 60 MHz 16  16, G = 2 Crosspoint Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8113JSTZ Datasheet(HTML) 1 Page - Analog Devices

  AD8113JSTZ Datasheet HTML 1Page - Analog Devices AD8113JSTZ Datasheet HTML 2Page - Analog Devices AD8113JSTZ Datasheet HTML 3Page - Analog Devices AD8113JSTZ Datasheet HTML 4Page - Analog Devices AD8113JSTZ Datasheet HTML 5Page - Analog Devices AD8113JSTZ Datasheet HTML 6Page - Analog Devices AD8113JSTZ Datasheet HTML 7Page - Analog Devices AD8113JSTZ Datasheet HTML 8Page - Analog Devices AD8113JSTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
a
AD8113
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
Audio/Video 60 MHz
16
16, G =
2 Crosspoint Switch
FUNCTIONAL BLOCK DIAGRAM
AD8113
OUTPUT
BUFFER
G = +2
80
80
256
80-BIT SHIFT REGISTER
WITH 5-BIT
PARALLEL LOADING
PARALLEL LATCH
DECODE
16
5:16 DECODERS
16
CLK
DATA IN
UPDATE
CE
RESET
16 INPUTS
A0
DATA
OUT
16
OUTPUTS
A1
A2
SER/PAR D0 D1 D2 D3 D4
A3
SWITCH
MATRIX
FEATURES
16
16 High Speed Nonblocking Switch Array
Serial or Parallel Programming of Switch Array
Serial Data Out Allows Daisy Chaining Control of
Multiple 16
16s to Create Larger Switch Arrays
Output Disable Allows Connection of Multiple Devices
without Loading the Output Bus
Complete Solution
Buffered Inputs
16 Output Amplifiers
Operates on
5 V or
12 V Supplies
Low Supply Current of 54 mA
Excellent Audio Performance VS =
12 V
10 V Output Swing
0.002% THD @ 20 kHz Max. 20 V p-p (RL = 600
)
Excellent Video Performance VS =
5 V
10 MHz 0.1 dB Gain Flatness
0.1% Differential Gain Error (RL = 1 k )
0.1 Differential Phase Error (RL = 1 k )
Excellent AC Performance
–3 dB Bandwidth 60 MHz
Low All Hostile Crosstalk of
–83 dB @ 20 kHz
Reset Pin Allows Disabling of All Outputs (Connected
to a Capacitor to Ground Provides Power-On
Reset Capability)
100-Lead LQFP (14 mm
14 mm)
APPLICATIONS
Analog/Digital Audio Routers
Video Routers (NTSC, PAL, S-VIDEO, SECAM)
Multimedia Systems
Video Conferencing
CCTV Surveillance
PRODUCT DESCRIPTION
The AD8113 is a fully buffered crosspoint switch matrix that
operates on
±12 V for audio applications and ±5 V for video
applications. It offers a –3 dB signal bandwidth greater than
60 MHz and channel switch times of less than 60 ns with 0.1%
settling for use in both analog and digital audio. The AD8113
operated at 20 kHz has crosstalk performance of –83 dB and
isolation of 90 dB. In addition, ground/power pins surround all
inputs and outputs to provide extra shielding for operation in
the most demanding audio routing applications. The differential
gain and differential phase of better than 0.1% and 0.1
°, respec-
tively, along with 0.1 dB flatness out to 10 MHz, make the
AD8113 suitable for many video applications.
The AD8113 includes 16 independent output buffers that can
be placed into a disabled state for paralleling crosspoint outputs
so that off channel loading is minimized. The AD8113 has a
gain of +2. It operates on voltage supplies of
±5 V or ±12 V
while consuming only 34 mA or 31 mA of current, respectively.
The channel switching is performed via a serial digital control
(which can accommodate daisy-chaining of several devices) or
via a parallel control, allowing updating of an individual output
without reprogramming the entire array.
The AD8113 is packaged in a 100-lead LQFP and is available
over the commercial temperature range of 0
°C to 70°C.


Similar Part No. - AD8113JSTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8113JST AD-AD8113JST Datasheet
1Mb / 28P
Audio/Video 60 MHz 16 X 16, G = 2 Crosspoint Switch
4/03-Data Sheet changed from REV. 0 to REV. A.
More results

Similar Description - AD8113JSTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8116 AD-AD8116 Datasheet
287Kb / 26P
200 MHz, 16 x 16 Buffered Video Crosspoint Switch
REV.A
AD8113JST AD-AD8113JST Datasheet
1Mb / 28P
Audio/Video 60 MHz 16 X 16, G = 2 Crosspoint Switch
4/03-Data Sheet changed from REV. 0 to REV. A.
AD8112 AD-AD8112 Datasheet
527Kb / 28P
Audio/Video, 60 MHz, 16 횞 8, Gain of 2 Crosspoint Switch
REV. 0
AD8176 AD-AD8176 Datasheet
476Kb / 32P
475 MHz, Triple 16 횞 9 Video Crosspoint Switch
Rev. PrA
AD8178 AD-AD8178 Datasheet
829Kb / 40P
450 MHz, Triple 16 횞 5 Video Crosspoint Switch
REV. 0
AD8177 AD-AD8177 Datasheet
854Kb / 40P
500 MHz, Triple 16 횞 5 Video Crosspoint Switch
Rev. 0
ADV3226 AD-ADV3226 Datasheet
606Kb / 24P
750 MHz, 16 x 16 Analog Crosspoint Switch
REV. 0
ADV3205 AD-ADV3205 Datasheet
341Kb / 20P
60 MHz, G = 2, 16 횞 16
REV. 0
AD8116JSTZ AD-AD8116JSTZ Datasheet
955Kb / 29P
200 MHz, 16  16 Buffered Video Crosspoint Switch
REV. B
AD8112 AD-AD8112_15 Datasheet
1Mb / 28P
Audio/Video, 60 MHz, 16 8, Gain of 2 Crosspoint Switch
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com