Electronic Components Datasheet Search
  English  ▼

X  

AD8113JSTZ Datasheet(PDF) 2 Page - Analog Devices

Part # AD8113JSTZ
Description  Audio/Video 60 MHz 16  16, G = 2 Crosspoint Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8113JSTZ Datasheet(HTML) 2 Page - Analog Devices

  AD8113JSTZ Datasheet HTML 1Page - Analog Devices AD8113JSTZ Datasheet HTML 2Page - Analog Devices AD8113JSTZ Datasheet HTML 3Page - Analog Devices AD8113JSTZ Datasheet HTML 4Page - Analog Devices AD8113JSTZ Datasheet HTML 5Page - Analog Devices AD8113JSTZ Datasheet HTML 6Page - Analog Devices AD8113JSTZ Datasheet HTML 7Page - Analog Devices AD8113JSTZ Datasheet HTML 8Page - Analog Devices AD8113JSTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
AD8113–SPECIFICATIONS
REV. A
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
–3 dB Bandwidth
VOUT = 200 mV p-p, RL = 600
Ω, V
S =
±12 V
46
60
MHz
VOUT = 200 mV p-p, RL = 150
Ω, V
S =
±5 V
41
60
MHz
VOUT = 8 V p-p, RL = 600
Ω, V
S =
±12 V
10
MHz
VOUT = 2 V p-p, RL = 150
Ω, V
S =
±5 V
25
MHz
Gain Flatness
0.1 dB, VOUT = 200 mV p-p, RL =150
Ω, V
S =
±5 V
10
MHz
Propagation Delay
VOUT = 2 V p-p, RL = 150
Ω
20
ns
Settling Time
0.1%, 2 V Step, RL =150
Ω, V
S =
±5 V
23
ns
Slew Rate
2 V Step, RL =150
Ω, V
S =
±5 V
100
V/
µs
20 V Step, RL =600
Ω, V
S =
±12 V
120
V/
µs
NOISE/DISTORTION PERFORMANCE
Differential Gain Error
NTSC, RL = 1 k
Ω, V
S =
±5 V
0.1
%
Differential Phase Error
NTSC, RL = 1 k
Ω, V
S =
±5 V
0.1
Degrees
Total Harmonic Distortion
20 kHz, RL = 600
Ω, 20 V p-p
0.002
%
Crosstalk, All Hostile
f = 5 MHz, RL =150
Ω, V
S =
±5 V
–67
dB
f = 20 kHz
–83
dB
Off Isolation
f = 5 MHz, RL =150
Ω, V
S =
±5 V, One Channel
–100
dB
f = 20 kHz, One Channel
–83
dB
Input Voltage Noise
20 kHz
14
nV/
√Hz
0.1 MHz–10 MHz
12
nV/
√Hz
DC PERFORMANCE
Gain Error
No Load, VS =
±12 V, V
OUT =
±8V
0.3
2.5
%
RL = 600
Ω, V
S =
±12 V
0.5
%
RL = 150
Ω, V
S =
±5 V
0.5
%
Gain Matching
No Load, Channel-to-Channel
0.7
3.5
%
RL = 600
Ω, Channel-to-Channel
0.7
%
RL = 150
Ω, Channel-to-Channel
0.7
%
Gain Temperature Coefficient
20
ppm/
°C
OUTPUT CHARACTERISTICS
Output Resistance
Enabled
0.3
Ω
Disabled
3.4
4
k
Ω
Output Capacitance
Disabled
5
pF
Output Voltage Swing
VS =
±5 V, No Load
±3.2
±3.5
V
VS =
±12 V, No Load
±10.3
±10.5
V
IOUT = 20 mA, VS =
±5 V
±2.7
±3V
IOUT = 20 mA, VS =
±12 V
±9.8
±10
V
Short Circuit Current
RL = 0
Ω
55
mA
INPUT CHARACTERISTICS
Input Offset Voltage
All Configurations
±4.5
±8.5
mV
Temperature Coefficient
10
µV/°C
Input Voltage Range
No Load, VS =
±5 V
±1.5
V
VS =
±12 V
±5.0
V
Input Capacitance
Any Switch Configuration
4
pF
Input Resistance
50
M
Ω
Input Bias Current
Any Number of Enabled Inputs
1
±1.6
µA
SWITCHING CHARACTERISTICS
Enable On Time
80
ns
Switching Time, 2 V Step
50% Update to 1% Settling
50
ns
Switching Transient (Glitch)
20
mV p-p
POWER SUPPLIES
Supply Current
AVCC Outputs Enabled, No Load, VS =
±12 V
50
54mA
AVCC Outputs Disabled, VS =
±12 V
34
38mA
AVCC Outputs Enabled, No Load, VS =
±5 V
45
50mA
AVCC Outputs Disabled, VS =
±5 V
31
35mA
AVEE Outputs Enabled, No Load, VS =
±12 V
50
54mA
AVEE Outputs Disabled, VS =
±12 V
34
38mA
AVEE Outputs Enabled, No Load, VS =
±5 V
45
50mA
AVEE Outputs Disabled, VS =
±5 V
31
35mA
DVCC Outputs Enabled, No Load
8
13
mA
–2–
(TA = 25 C, VS =
12 V, RL = 600
, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com