Electronic Components Datasheet Search
  English  ▼

X  

AD7846AP Datasheet(PDF) 8 Page - Analog Devices

Part # AD7846AP
Description  LC2MOS 16-Bit Voltage Output DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7846AP Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7846AP Datasheet HTML 4Page - Analog Devices AD7846AP Datasheet HTML 5Page - Analog Devices AD7846AP Datasheet HTML 6Page - Analog Devices AD7846AP Datasheet HTML 7Page - Analog Devices AD7846AP Datasheet HTML 8Page - Analog Devices AD7846AP Datasheet HTML 9Page - Analog Devices AD7846AP Datasheet HTML 10Page - Analog Devices AD7846AP Datasheet HTML 11Page - Analog Devices AD7846AP Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD7846
Rev. G | Page 8 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
1V
2mV
20µs
–0.40V
A1
Figure 9. AC Feedthrough, VREF+ = 1 V rms, 10 kHz Sine Wave
FREQUENCY (Hz)
0
100
2
1k
10k
100k
1M
4
6
1
3
5
7
8
VDD = +15V
VSS = –15V
VREF+ = +1V rms
VREF– = 0V
Figure 10. AC Feedthrough to VOUT vs. Frequency
FREQUENCY (Hz)
30
0
10
100
1k
10k
100k
1M
10M
20
10
5
25
15
VDD = +15V
VSS = –15V
VREF+ = ±5V SINE WAVE
VREF– = 0V
GAIN = +2
Figure 11. Large Signal Frequency Response
FREQUENCY (Hz)
0
100
100
1k
10k
100k
1M
200
300
400
50
150
250
350
450
500
VREF+ = VREF– = 0V
GAIN = +1
DAC LOADED WITH ALL 1s
Figure 12. Noise Spectral Density
50mV/DIV
5V/DIV
0.5µs/DIV
DATA
VOUT
Figure 13. Digital-to-Analog Glitch Impulse Without Internal Deglitcher
(10…000 to 011…111 Transition)
50mV/DIV
5V/DIV
DATA
5V/DIV
LDAC
1µs/DIV
VOUT
Figure 14. Digital-to-Analog Glitch Impulse with Internal Deglitcher
(10…000 to 011…111 Transition)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com