Electronic Components Datasheet Search
  English  ▼

X  

AD7846AP Datasheet(PDF) 15 Page - Analog Devices

Part # AD7846AP
Description  LC2MOS 16-Bit Voltage Output DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7846AP Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7846AP Datasheet HTML 11Page - Analog Devices AD7846AP Datasheet HTML 12Page - Analog Devices AD7846AP Datasheet HTML 13Page - Analog Devices AD7846AP Datasheet HTML 14Page - Analog Devices AD7846AP Datasheet HTML 15Page - Analog Devices AD7846AP Datasheet HTML 16Page - Analog Devices AD7846AP Datasheet HTML 17Page - Analog Devices AD7846AP Datasheet HTML 18Page - Analog Devices AD7846AP Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
AD7846
Rev. G | Page 15 of 24
POSITION MEASUREMENT APPLICATION
Figure 25 shows the AD7846 in a position measurement applica-
tion using an linear variable displacement transducer (LVDT),
an AD630 synchronous demodulator and a comparator to make
a 16-bit LVDT-to-digital converter. The LVDT is excited with a
fixed frequency and fixed amplitude sine wave (usually 2.5 kHz,
2 V p-p). The outputs of the secondary coil are in antiphase and
their relative amplitudes depend on the position of the core in the
LVDT. The AD7846 output interpolates between these two inputs
in response to the DAC input code. The AD630 is set up so that
it rectifies the DAC output signal. Thus, if the output of the DAC is
in phase with the VREF+ input, the inverting input to the compara-
tor is positive, and if it is in phase with VREF−, the output is nega-
tive. By turning on each bit of the DAC in succession starting
with the MSB and deciding to leave it on or turn it off based on
the comparator output, a 16-bit measurement of the core position
is obtained.
AD7846*
LVDT
DB0
DB15
R1
100kΩ
C1
1µF
PROCESSOR DATA BUS
SIGNAL
GROUND
TO
PROCESSOR PORT
*ADDITIONAL PINS OMITTED FOR CLARITY
x ASIN ω t
–(1–x) ASIN ω t
ASIN ω t
AD630*
DGND
VOUT
RIN
VREF+
VREF–
6
20
7
5
8
10
13
10
9
16
3
Figure 25. AD7846 in Position Measurement Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com