Electronic Components Datasheet Search
  English  ▼

X  

AD7846AP Datasheet(PDF) 14 Page - Analog Devices

Part # AD7846AP
Description  LC2MOS 16-Bit Voltage Output DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7846AP Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7846AP Datasheet HTML 10Page - Analog Devices AD7846AP Datasheet HTML 11Page - Analog Devices AD7846AP Datasheet HTML 12Page - Analog Devices AD7846AP Datasheet HTML 13Page - Analog Devices AD7846AP Datasheet HTML 14Page - Analog Devices AD7846AP Datasheet HTML 15Page - Analog Devices AD7846AP Datasheet HTML 16Page - Analog Devices AD7846AP Datasheet HTML 17Page - Analog Devices AD7846AP Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
AD7846
Rev. G | Page 14 of 24
BIPOLAR OPERATION
Figure 24 shows the AD7846 set up for ±10 V bipolar operation.
The AD588 provides precision ±5 V tracking outputs that are
fed to the VREF+ and VREF− inputs of the AD7846. The code table
for Figure 24 is shown in Table 9.
DGND
+15V
+5V
VDD
VSS
VCC
VOUT
RIN
VREF+
VREF–
R2
10kΩ
C1
1µF
SIGNAL
GROUND
–15V
*ADDITIONAL PINS OMITTED FOR CLARITY
AD7846*
AD588
VOUT
(–10V TO +10V)
+15V
–15V
R3
100kΩ
R1
39kΩ
+15V
4
21
9
5
6
20
7
2
3
1
14
15
16
13
8
12
11
10
5
9
7
46
8
Figure 24. Bipolar ±10 V Operation
Table 9. Offset Binary Code Table for Figure 24
Binary Number in DAC Latch
MSB
LSB1
Analog Output (VOUT)
1111 1111 1111 1111
+10 (32,767/32,768) V
1000 0000 0000 0001
+10 (1/32,768) V
1000 0000 0000 0000
0 V
0111 1111 1111 1111
−10 (1/32,768) V
0000 0000 0000 0000
−10 (32,768/32,768) V
1 LSB = 10 V/215 = 10 V/32,768 = 305 μV.
Full-scale and bipolar zero adjustment are provided by varying
the gain and balance on the AD588. R2 varies the gain on the
AD588 while R3 adjusts the +5 V and −5 V outputs together
with respect to ground.
For bipolar zero adjustment on the AD7846, load the DAC with
100…000 and adjust R3 until VOUT = 0 V. Full scale is adjusted
by loading the DAC with all 1s and adjusting R2 until VOUT =
9.999694 V.
When bipolar zero and full-scale adjustment are not needed, R2
and R3 can be omitted, Pin 12 on the AD588 should be connected
to Pin 11, and Pin 5 should be left floating. If a user wants a 5 V
output range, there are two choices. By tying Pin 6 (RIN) of the
AD7846 to VOUT (Pin 5), the output stage gain is reduced to
unity and the output range is ±5 V. If only a positive 5 V reference
is available, bipolar ±5 V operation is still possible. Tie VREF− to
0 V and connect RIN to VREF+. This also gives a ±5 V output
range. However, the linearity, gain, and offset error specifications
are the same as the unipolar 0 V to 5 V range.
MULTIPLYING OPERATION
The AD7846 is a full multiplying DAC. To obtain four-quadrant
multiplication, tie VREF− to 0 V, apply the ac input to VREF+, and
tie RIN to VREF+. Figure 11 shows the large signal frequency
response when the DAC is used in this fashion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com