Electronic Components Datasheet Search
  English  ▼

X  

AD7846AP Datasheet(PDF) 9 Page - Analog Devices

Part # AD7846AP
Description  LC2MOS 16-Bit Voltage Output DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7846AP Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7846AP Datasheet HTML 5Page - Analog Devices AD7846AP Datasheet HTML 6Page - Analog Devices AD7846AP Datasheet HTML 7Page - Analog Devices AD7846AP Datasheet HTML 8Page - Analog Devices AD7846AP Datasheet HTML 9Page - Analog Devices AD7846AP Datasheet HTML 10Page - Analog Devices AD7846AP Datasheet HTML 11Page - Analog Devices AD7846AP Datasheet HTML 12Page - Analog Devices AD7846AP Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD7846
Rev. G | Page 9 of 24
10V
5V
2µs
0V
A1
VREF+, ±5V
VOUT+, ±10V
Figure 15. Pulse Response (Large Signal)
1µs
0.025V
A1
100mV
50mV
VREF+, ±50mV
VOUT+, ±100mV
Figure 16. Pulse Response (Small Signal)
START 100.0Hz
RBW 3Hz
REF 2.24V
10dB/DIV
MARKER 442.0Hz
1.70V
STOP 2000.0Hz
ST 422 SEC
RANGE 3.98V
VBW 10Hz
Figure 17. Spectral Response of Digitally Constructed Sine Wave
VDD, VSS (V)
0.5
11
12
13
14
15
1.0
1.5
2.0
2.5
3.0
3.5
4.0
16
TA = +25°C
VREF+ = +5V
VREF– = 0V
GAIN = +1
Figure 18. Typical Integral Nonlinearity vs. VDD/VSS
VDD, VSS (V)
0
11
12
13
14
15
0.1
0.3
0.2
0.4
0.5
0.7
0.6
0.9
0.8
1.0
16
TA = +25°C
VREF+ = +5V
VREF– = 0V
GAIN = +1
Figure 19. Typical Differential Nonlinearity vs. VDD/VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com