Electronic Components Datasheet Search
  English  ▼

X  

AD7846AP Datasheet(PDF) 1 Page - Analog Devices

Part # AD7846AP
Description  LC2MOS 16-Bit Voltage Output DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7846AP Datasheet(HTML) 1 Page - Analog Devices

  AD7846AP Datasheet HTML 1Page - Analog Devices AD7846AP Datasheet HTML 2Page - Analog Devices AD7846AP Datasheet HTML 3Page - Analog Devices AD7846AP Datasheet HTML 4Page - Analog Devices AD7846AP Datasheet HTML 5Page - Analog Devices AD7846AP Datasheet HTML 6Page - Analog Devices AD7846AP Datasheet HTML 7Page - Analog Devices AD7846AP Datasheet HTML 8Page - Analog Devices AD7846AP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LC2MOS
16-Bit Voltage Output DAC
AD7846
Rev. G
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2000–2010 Analog Devices, Inc. All rights reserved.
FEATURES
16-bit monotonicity over temperature
±2 LSBs integral linearity error
Microprocessor compatible with readback capability
Unipolar or bipolar output
Multiplying capability
Low power (100 mW typical)
FUNCTIONAL BLOCK DIAGRAM
A2
A1
A3
16
SEGMENT
SWITCH
MATRIX
R
R
R
12-BIT DAC
DAC LATCH
I/O LATCH
CONTROL
LOGIC
AD7846
R
21
4
7
8
9
6
5
23
22
25
24
R
VREF–
VREF+
VSS
DGND
CLR
LDAC
R/W
CS
VOUT
RIN
VDD
VCC
4
12
12
DB15 DB0
10
3
20
Figure 1.
GENERAL DESCRIPTION
The AD7846 is a 16-bit DAC constructed with the Analog Devices,
Inc., LC2MOS process. It has VREF+ and VREF− reference inputs
and an on-chip output amplifier. These can be configured to
give a unipolar output range (0 V to +5 V, 0 V to +10 V) or
bipolar output ranges (±5 V, ±10 V).
The DAC uses a segmented architecture. The four MSBs in the
DAC latch select one of the segments in a 16-resistor string.
Both taps of the segment are buffered by amplifiers and fed to a
12-bit DAC, which provides a further 12 bits of resolution. This
architecture ensures 16-bit monotonicity. Excellent integral
linearity results from tight matching between the input offset
voltages of the two buffer amplifiers.
In addition to the excellent accuracy specifications, the AD7846
also offers a comprehensive microprocessor interface. There are
16 data I/O pins, plus control lines (CS, R/W, LDAC and CLR).
R/W and CS allow writing to and reading from the I/O latch.
This is the readback function, which is useful in ATE applications.
LDAC allows simultaneous updating of DACs in a multi-DAC
system and the CLR line will reset the contents of the DAC latch
to 00…000 or 10…000 depending on the state of R/W. This
means that the DAC output can be reset to 0 V in both the
unipolar and bipolar configurations.
The AD7846 is available in 28-lead plastic, ceramic, and PLCC
packages.
PRODUCT HIGHLIGHTS
1.
16-Bit Monotonicity
The guaranteed 16-bit monotonicity over temperature
makes the AD7846 ideal for closed-loop applications.
2.
Readback
The ability to read back the DAC register contents
minimizes software routines when the AD7846 is used in
ATE systems.
3.
Power Dissipation
Power dissipation of 100 mW makes the AD7846 the
lowest power, high accuracy DAC on the market.


Similar Part No. - AD7846AP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7846AP AD-AD7846AP Datasheet
616Kb / 16P
16-Bit Voltage Output DAC
REV. E
More results

Similar Description - AD7846AP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7224 AD-AD7224 Datasheet
228Kb / 8P
LC2MOS 8-Bit DAC with Output Amplifiers
REV.B
AD7836 AD-AD7836 Datasheet
174Kb / 12P
LC2MOS Quad 14-Bit DAC
REV.A
logo
Linear Technology
LTC1650 LINER-LTC1650 Datasheet
253Kb / 12P
Low Glitch 16-Bit Voltage Output DAC
logo
Analog Devices
AD7846 AD-AD7846 Datasheet
616Kb / 16P
16-Bit Voltage Output DAC
REV. E
logo
Texas Instruments
DAC161S055 TI1-DAC161S055 Datasheet
486Kb / 23P
Precision 16-Bit, Buffered Voltage-Output DAC
logo
Analog Devices
AD7224KNZ AD-AD7224KNZ Datasheet
231Kb / 8P
LC2MOS 8-Bit DAC with Output Amplifiers
REV. B
AD7224KRZ-18 AD-AD7224KRZ-18 Datasheet
231Kb / 8P
LC2MOS 8-Bit DAC with Output Amplifiers
REV. B
AD7846 AD-AD7846_15 Datasheet
451Kb / 24P
LC MOS 16-Bit Voltage Output DAC
Rev. G
logo
Linear Technology
LTC1650 LINER-LTC1650_15 Datasheet
525Kb / 12P
Low Glitch 16-Bit Voltage Output DAC
logo
Analog Devices
LTC2688 AD-LTC2688 Datasheet
2Mb / 42P
16-Channel, 16-Bit Voltage Output SoftSpan DAC
6/2021-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com