Electronic Components Datasheet Search
  English  ▼

X  

AD9979BCPZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD9979BCPZ
Description  14-Bit, CCD Signal Processor with Precision Timing Core
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9979BCPZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9979BCPZ Datasheet HTML 18Page - Analog Devices AD9979BCPZ Datasheet HTML 19Page - Analog Devices AD9979BCPZ Datasheet HTML 20Page - Analog Devices AD9979BCPZ Datasheet HTML 21Page - Analog Devices AD9979BCPZ Datasheet HTML 22Page - Analog Devices AD9979BCPZ Datasheet HTML 23Page - Analog Devices AD9979BCPZ Datasheet HTML 24Page - Analog Devices AD9979BCPZ Datasheet HTML 25Page - Analog Devices AD9979BCPZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
AD9979
Rev. C | Page 22 of 56
HBLK, PBLK, and CLPOB Toggle Positions
The AD9979 uses an internal horizontal pixel counter to position
the HBLK, PBLK, and CLPOB toggle positions. The horizontal
counter does not reset to 0 until 12 CLI periods after the falling
edge of HD. This 12-cycle pipeline delay must be considered
when determining the register toggle positions. For example, if
CLPOBx_TOGy is 100 and the pipeline delay is not considered,
the final toggle position is applied at 112. To obtain the correct
toggle positions, the toggle position registers must be set to the
desired toggle position minus 12. For example, if the desired
toggle position is 100, CLPOBx_TOGy needs to be set to 88,
that is, 100 minus 12. Figure 53 shows the 12-cycle pipeline delay
referenced to the falling edge of HD.
Note that toggle positions cannot be programmed during the
12-cycle delay from the HD falling edge until the horizontal
counter has reset. See Figure 31 for an example of this restriction.
1HBLKTOGE1/HBLKTOGO1
60
(60 – 12) = 48
2HBLKTOGE2/HBLKTOGO2
100
(100 – 12) = 88
3CLPOBx_TOG1
103
(103 – 12) = 91
4CLPOBx_TOG2
112
(112 – 12) = 100
DESIRED
TOGGLE
POSITION
ACTUAL
REGISTER
VALUE
H1
CLPOB
PIXEL NO.
HD
112
103
100
60
0
12
34
Figure 30. Example of Register Setting to Obtain Desired Toggle Positions
VD
HD
NO TOGGLE POSITIONS ALLOWED IN THIS AREA
NOTES
1. TOGGLE POSITIONS CANNOT BE PROGRAMMED WITHIN 12 PIXELS OF PIXEL 0 LOCATION.
H-COUNTER
(PIXEL COUNTER)
N-1
N
0
1
2
N-2
N-3
N-4
N-5
N-6
N-7
N-8
N-9
N-10
N-11
N-12
H-COUNTER
RESET
X
X
X
X
Figure 31. Restriction for Toggle Position Placement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com