Electronic Components Datasheet Search
  English  ▼

X  

AD9979BCPZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD9979BCPZ
Description  14-Bit, CCD Signal Processor with Precision Timing Core
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9979BCPZ Datasheet(HTML) 3 Page - Analog Devices

  AD9979BCPZ Datasheet HTML 1Page - Analog Devices AD9979BCPZ Datasheet HTML 2Page - Analog Devices AD9979BCPZ Datasheet HTML 3Page - Analog Devices AD9979BCPZ Datasheet HTML 4Page - Analog Devices AD9979BCPZ Datasheet HTML 5Page - Analog Devices AD9979BCPZ Datasheet HTML 6Page - Analog Devices AD9979BCPZ Datasheet HTML 7Page - Analog Devices AD9979BCPZ Datasheet HTML 8Page - Analog Devices AD9979BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
AD9979
Rev. C | Page 3 of 56
SPECIFICATIONS
Table 1.
Parameter
Min
Typ
Max
Unit
TEMPERATURE RANGE
Operating
−25
+85
°C
Storage
−65
+150
°C
POWER SUPPLY VOLTAGE
AVDD (AFE, Timing Core)
1.6
1.8
2.0
V
RGVDD (RG, HL Drivers)
2.7
3.3
3.6
V
HVDD (H1 to H4 Drivers)
2.7
3.3
3.6
V
DVDD (Internal Digital Supply)
1.6
1.8
2.0
V
DRVDD (Parallel Data Output Drivers )
1.6
3.0
3.6
V
IOVDD (I/O Supply Without the Use of LDO)
1.6
1.8
3.6
V
POWER SUPPLY CURRENTS—65 MHz OPERATION
AVDD (1.8 V)
48
mA
RGVDD (3.3 V, 20 pF RG Load, 20 pF HL Load)
8
mA
HVDD1 (3.3 V, 200 pF Total Load on H1 to H4)
40
mA
DVDD (1.8 V)
13
mA
DRVDD (3.0 V)
4
mA
IOVDD (1.8 V)
2
mA
POWER SUPPLY CURRENTS—STANDBY MODE OPERATION
Reference Standby
10
mA
Total Shutdown
0.5
mA
LDO2
IOVDD (I/O Supply When Using LDO)
2.5
3.0
3.6
V
Output Voltage
1.8
1.85
1.9
V
Output Current
60
mA
CLOCK RATE (CLI)
8
65
MHz
1 The total power dissipated by the HVDD (or RGVDD) supply can be approximated using the equation
Total HVDD Power = [CLOAD × HVDD × Pixel Frequency] × HVDD
where CLOAD is the total capacitance seen by all H outputs.
Reducing the capacitive load and/or reducing the HVDD supply reduces the power dissipation.
2 LDO can be used to supply AVDD and DVDD only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com