Electronic Components Datasheet Search
  English  ▼

X  

ADS5294IPFP Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5294IPFP
Description  Octal Channel 14-Bit, 80 MSPS High-SNR and Low-Power ADC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5294IPFP Datasheet(HTML) 22 Page - Texas Instruments

Back Button ADS5294IPFP Datasheet HTML 18Page - Texas Instruments ADS5294IPFP Datasheet HTML 19Page - Texas Instruments ADS5294IPFP Datasheet HTML 20Page - Texas Instruments ADS5294IPFP Datasheet HTML 21Page - Texas Instruments ADS5294IPFP Datasheet HTML 22Page - Texas Instruments ADS5294IPFP Datasheet HTML 23Page - Texas Instruments ADS5294IPFP Datasheet HTML 24Page - Texas Instruments ADS5294IPFP Datasheet HTML 25Page - Texas Instruments ADS5294IPFP Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 67 page
background image
−80
−70
−60
−50
−40
−30
−20
−10
0.01
0.1
1
10
70
Frequency of signal on supply (MHz)
PSMR
PSRR
With 50mVpp signal
superimposed on AVDD supply
PSMR: 3MHz input signal applied
PSRR: No input signal applied
−80
−70
−60
−50
−40
−30
−20
−10
0
10
20
0.0
0.1
0.2
0.3
0.4
0.5
Normalized Frequency (fin/fs)
Low Pass
High pass
0.03
0.1
16.18
45.5
31.53
5.55
0.11
30
40
50
60
70
80
0
10
20
30
40
50
60
70
Frequency of CMRR signal (MHz)
With 50mVpp signal superimposed on input common−mode
Fin = 3 MHz
ADS5294
SLAS776B – NOVEMBER 2011 – REVISED JULY 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Typical values are at 25°C, AVDD = 1.8 V, LVDD = 1.8V, 50% clock duty cycle, –1 dBFS differential analog input, 14 Bit/80
MSPS, ADC is configured in the internal reference mode, unless otherwise noted.
Figure 28. Histogram of Output Code with Analog Inputs
Figure 29. Common Mode Rejection Ratio vs. Frequency
Shorted
Figure 30. Power Supply Rejection Ratio vs. Frequency
Figure 31. Filter Response, Decimate by 2
22
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s) :ADS5294



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com