Electronic Components Datasheet Search
  English  ▼

X  

ADS5294IPFP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5294IPFP
Description  Octal Channel 14-Bit, 80 MSPS High-SNR and Low-Power ADC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5294IPFP Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS5294IPFP Datasheet HTML 3Page - Texas Instruments ADS5294IPFP Datasheet HTML 4Page - Texas Instruments ADS5294IPFP Datasheet HTML 5Page - Texas Instruments ADS5294IPFP Datasheet HTML 6Page - Texas Instruments ADS5294IPFP Datasheet HTML 7Page - Texas Instruments ADS5294IPFP Datasheet HTML 8Page - Texas Instruments ADS5294IPFP Datasheet HTML 9Page - Texas Instruments ADS5294IPFP Datasheet HTML 10Page - Texas Instruments ADS5294IPFP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 67 page
background image
ADS5294
www.ti.com
SLAS776B – NOVEMBER 2011 – REVISED JULY 2012
ELECTRICAL CHARACTERISTICS DYNAMIC PERFORMANCE
Typical values are at 25°C, AVDD = 1.8 V, LVDD = 1.8 V, 50% clock duty cycle, –1 dBFS differential analog input, Sample
rate = 80 MSPS, ADC is configured in internal reference mode (unless otherwise noted). MIN and MAX values are across the
full temperature range TMIN = –40°C to TMAX = 85°C, AVDD = 1.8 V, LVDD = 1.8 V.
PARAMETERS
CONDITIONS
MIN
TYP
MAX
UNITS
AC PERFORMANCE
fin = 10 MHz, 65 MSPS
75.6
dBFS
fin = 5 MHz, TA = 25°C
72.8
75.5
dBFS
fin = 5 MHz, Across temperatures
71.8
dBFS
SNR
Signal-to-noise ratio
fin = 5 MHz, -60 dBFS Input signal amplitude
77.3
dBFS
fin = 5 MHz, Decimation by two enabled
78.2
dBFS
fin = 30 MHz
74.2
dBFS
fin = 65 MHz
71.7
dBFS
fin = 5 MHz
74.8
dBFS
SINAD
Signal-to-noise and distortion ratio
fin = 30 MHz
73.4
dBFS
fin = 65 MHz
70
dBFS
ENOB
Effective number of bits
fin = 5 MHz
12.2
Bits
DNL
Differential nonlinearity
fin = 5 MHz
–0.96
±0.5
1.7
LSB
INL
Integral nonlinearity
fin = 5 MHz
2.2
5.5
LSB
fin = 5 MHz
72
84
dBc
SFDR
Spurious-free dynamic range
fin = 30 MHz
81
dBc
fin = 65 MHz
74
dBc
fin = 5 MHz
70.5
82
dBc
THD
Total harmonic distortion
fin = 30 MHz
80
dBc
fin = 65 MHz
73.5
dBc
fin = 5 MHz
73
93
dBc
HD2
Second-harmonic distortion
fin = 30 MHz
88
dBc
fin = 65 MHz
85
dBc
fin = 5 MHz
72
84
dBc
HD3
Third-harmonic distortion
fin = 30 MHz
81
dBc
fin = 65 MHz
74
dBc
fin = 5 MHz
91
dBc
Worse spur excluding HD2, HD3
fin = 30 MHz
83
dBc
fin = 65 MHz
76
dBc
IMD3
Intermodualtion distortion
fin = 8 MHz at –7 dBFS, f2 = 10 MHz at –7 dBFS
84.5
dBc
Recovery to within 1% of full-scale for 6-dB overload with
Overload recovery
1
Clock Cycle
sine wave input
fin = 10 MHz, -1 dBFS signal applied on
far channel
90
dBc
XTALK
Cross-talk
aggressor channel no signal applied on
near channel
85
dBc
victim channel
Phase noise
5 MHz, 1 kHz off carrier
–138
dBc/Hz
ANALOG INPUT / OUTPUT
Differential input voltage range
2
VPP
(0-dB gain)
RIN
Differential Input Resistance
At DC
2
k
Ω
CIN
Differential Input Capacitance
At DC
3.2
pF
Analog input bandwidth
With a 50
Ωsource impedance
550
MHz
Analog input common-mode current
1.6
µA/MSPS
(per input pin)
VCM common-mode output voltage
0.95
V
VCM output current capability
5
mA
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s) :ADS5294



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com