Electronic Components Datasheet Search
  English  ▼

X  

ADS5294IPFP Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5294IPFP
Description  Octal Channel 14-Bit, 80 MSPS High-SNR and Low-Power ADC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5294IPFP Datasheet(HTML) 52 Page - Texas Instruments

Back Button ADS5294IPFP Datasheet HTML 48Page - Texas Instruments ADS5294IPFP Datasheet HTML 49Page - Texas Instruments ADS5294IPFP Datasheet HTML 50Page - Texas Instruments ADS5294IPFP Datasheet HTML 51Page - Texas Instruments ADS5294IPFP Datasheet HTML 52Page - Texas Instruments ADS5294IPFP Datasheet HTML 53Page - Texas Instruments ADS5294IPFP Datasheet HTML 54Page - Texas Instruments ADS5294IPFP Datasheet HTML 55Page - Texas Instruments ADS5294IPFP Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 67 page
background image
ADS5294
SLAS776B – NOVEMBER 2011 – REVISED JULY 2012
www.ti.com
APPLICATION INFORMATION
THEORY OF OPERATION
The ADS5294 is an octal channel, 14-bit high-speed ADC with sample rate up to 80 MSPS that runs off a single
1.8 V supply. All eight channels of the ADS5294 simultaneously sample their analog inputs at the rising edge of
the input clock. The sampled signal is sequentially converted by a series of small resolution stages, with the
outputs combined in a digital correction logic block. At every clock, edge the sample propagates through the
pipeline resulting in a data latency of 11 clock cycles.
The 14 data bits of each channel are serialized and sent out in either 1-wire (one pair of LVDS pins are used) or
2-wire (two pairs of LVDS pins are used) mode, depending on the LVDS output rate. When the data is output in
the 2-wire mode, it can reduce the serial data rate of the outputs, especially at higher sampling rates. Hence, low
cost FPGAs can be used to capture 80 MSPS/14bit data. Alternately, at lower sample rates, the 14-bit data can
be output as a single data stream over one pair of LVDS pins (1-wire mode). The device outputs a bit clock at 7x
and frame clock at 1x times the sample frequency in the 14-bit mode.
This 14-bit ADC achieves approximately 76 dBFS SNR at 80 MSPS. Its output resolution can be configured as
12-bit and 10-bit if necessary. 70 dBFS and 61 dBFS SNRs are achieved when the ADS5294’s output resolution
is 12-bit and 10-bit respectively.
ANALOG INPUT
The analog inputs consist of a switched-capacitor based, differential sample and hold architecture. This
differential topology results in very good AC performance even for high input frequencies at high sampling rates.
The INP and INM pins are internally biased around a common-mode voltage of Vcm (0.95 V). For a full-scale
differential input, each input pin (INP and INM) must swing symmetrically between Vcm + 0.5V and Vcm - 0.5V,
resulting in a 2 VPP differential input swing. Figure 56 illustrates the equivalent circuit of the input sampling circuit.
Figure 56. Analog Input Circuit Model
DRIVE CIRCUIT
For optimum performance, the analog inputs must be driven differentially. This improves the common-mode
noise immunity and even order harmonic rejection. A 5
Ω to 15 Ω resistor in series with each input pin is
recommended to damp out ringing caused by package parasitic.
The drive circuit shows an R-C filter across the analog input pins. The purpose of the filter is to absorb the
glitches caused by the opening and closing of the sampling capacitors.
52
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s) :ADS5294



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com