Electronic Components Datasheet Search
  English  ▼

X  

ADS5294IPFP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5294IPFP
Description  Octal Channel 14-Bit, 80 MSPS High-SNR and Low-Power ADC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5294IPFP Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS5294IPFP Datasheet HTML 2Page - Texas Instruments ADS5294IPFP Datasheet HTML 3Page - Texas Instruments ADS5294IPFP Datasheet HTML 4Page - Texas Instruments ADS5294IPFP Datasheet HTML 5Page - Texas Instruments ADS5294IPFP Datasheet HTML 6Page - Texas Instruments ADS5294IPFP Datasheet HTML 7Page - Texas Instruments ADS5294IPFP Datasheet HTML 8Page - Texas Instruments ADS5294IPFP Datasheet HTML 9Page - Texas Instruments ADS5294IPFP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 67 page
background image
ADS5294
SLAS776B – NOVEMBER 2011 – REVISED JULY 2012
www.ti.com
RECOMMENDED OPERATING CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLIES
AVDD
Analog supply voltage
1.7
1.8
1.9
V
LVDD
Digital supply voltage
1.7
1.8
1.9
V
ANALOG INPUTS/OUTPUTS
Differential input voltage range
2
VPP
Input common-mode voltage
0.95±0.05
V
REFT
External reference mode
1.45
V
REFB
External reference mode
0.45
V
VCM
Common-mode voltage output
0.95
V
External Reference mode Input
1.5
V
Maximum Input Frequency (1)
2 VPP amplitude
80
MHz
CLOCK INPUTS
ADC Clock input sample rate
10
80
MSPS
Sine wave, AC-coupled
0.2
1.5
Input Clock amplitude differential (V(CLKP) -
LVPECL, AC-coupled
0.2
1.6
VPP
V(CLKN)) peak-to-peak
LVDS, AC-coupled
0.2
0.7
VIL
<0.3
V
Input Clock CMOS single-ended (V(CLKP))
VIH
>1.5
V
Input clock duty cycle
35%
50%
65%
DIGITAL OUTPUTS
1x (sample
ACLKP and ACLKN outputs (LVDS), 1-wire interface
MSPS
rate)
7x (sample
LCLKP and LCLKN outputs (LVDS), 1-wire interface
MSPS
rate)
0.5x (sample
ACLKP and ACLKN outputs (LVDS), 2-wire interface
MSPS
rate)
3.5x (sample
LCLKP and LCLKN outputs (LVDS), 2-wire interface
MSPS
rate)
Maximum data rate, 2-wire interface
560
Mbps
Maximum data rate, 1-wire interface
700
Mbps
CLOAD Maximum external capacitance from each output pin to LGND
5
pF
RLOAD Differential load resistance between the LVDS output pairs
100
Ω
TA
Operating free-air temperature
-40
85
°C
(1)
See the Large and Small Signal Input Bandwidth section.
6
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s) :ADS5294



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com