Electronic Components Datasheet Search
  English  ▼

X  

ADS5294IPFP Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5294IPFP
Description  Octal Channel 14-Bit, 80 MSPS High-SNR and Low-Power ADC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5294IPFP Datasheet(HTML) 31 Page - Texas Instruments

Back Button ADS5294IPFP Datasheet HTML 27Page - Texas Instruments ADS5294IPFP Datasheet HTML 28Page - Texas Instruments ADS5294IPFP Datasheet HTML 29Page - Texas Instruments ADS5294IPFP Datasheet HTML 30Page - Texas Instruments ADS5294IPFP Datasheet HTML 31Page - Texas Instruments ADS5294IPFP Datasheet HTML 32Page - Texas Instruments ADS5294IPFP Datasheet HTML 33Page - Texas Instruments ADS5294IPFP Datasheet HTML 34Page - Texas Instruments ADS5294IPFP Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 67 page
background image
ADS5294
www.ti.com
SLAS776B – NOVEMBER 2011 – REVISED JULY 2012
Table 3. Summary of Functions Supported by Serial Interface (1)(2)(3)(4) (continued)
ADDR.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
NAME
DESCRIPTION
(HEX)
X
X
X
X
GAIN_CH5<3:0>
Programmable gain - Channel 5
X
X
X
X
GAIN_CH6<3:0>
Programmable gain - Channel 6
2B
X
X
X
X
GAIN_CH7<3:0>
Programmable gain - Channel 7
X
X
X
X
GAIN_CH8<3:0>
Programmable gain - Channel 8
X
X
AVG_CTRL4<1:0>
1: Averaging control for what comes out on LVDS output OUT4
X
X
AVG_CTRL3<1:0>
Averaging control for what comes out on LVDS output OUT3
2C
X
X
AVG_CTRL2<1:0>
Averaging control for what comes out on LVDS output OUT2
X
X
AVG_CTRL1<1:0>
Averaging control for what comes out on LVDS output OUT1
X
X
AVG_CTRL8<1:0>
Averaging control for what comes out on LVDS output OUT8
X
X
AVG_CTRL7<1:0>
Averaging control for what comes out on LVDS output OUT7
2D
X
X
AVG_CTRL6<1:0>
Averaging control for what comes out on LVDS output OUT6
X
X
AVG_CTRL5<1:0>
Averaging control for what comes out on LVDS output OUT5
X
X
X
FILTER1_COEFF_SET<2:0>
Select stored coefficient set for filter 1
X
X
X
FILTER1_RATE<2:0>
Set decimation factor for filter 1
X
ODD_TAP1
Use odd tap filter 1
1: Enables filter for channel 1;
2E
X
USE_FILTER1
0: Disables
X
X
X
X
HPF_CORNER _CH1
HPF corner in values k from 2 to 10
1: HPF filter enable for the channel;
X
HPF_EN_CH1
0: Disables
X
X
X
FILTER2_COEFF_SET<2:0>
Select stored coefficient set for filter 2
X
X
X
FILTER2_RATE<2:0>
Set decimation factor for filter 2
X
ODD_TAP2
Use odd tap filter 2
1: Enables filter for channel 2;
2F
X
USE_FILTER2
0: Disables
X
X
X
X
HPF_CORNER _CH2
HPF corner in values k from 2 to 10
1: HPF filter enabled for the channel;
X
HPF_EN_CH2
0: Disabled
X
X
X
FILTER3_COEFF_SET<2:0>
Select stored coefficient set for filter 3
X
X
X
FILTER3_RATE<2:0>
Set decimation factor for filter 3
X
ODD_TAP3
Use odd tap filter 3
1: Enables filter for channel 3;
30
X
USE_FILTER3
0: Disables
X
X
X
X
HPF_CORNER _CH3
HPF corner in values k from 2 to 10
1: HPF filter enabled for the channel;
X
HPF_EN_CH3
0: Disabled
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Link(s) :ADS5294



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com