Electronic Components Datasheet Search
  English  ▼

X  

LM5056 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM5056
Description  High-Voltage System Power Management Device with PMBus?
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5056 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM5056 Datasheet HTML 5Page - Texas Instruments LM5056 Datasheet HTML 6Page - Texas Instruments LM5056 Datasheet HTML 7Page - Texas Instruments LM5056 Datasheet HTML 8Page - Texas Instruments LM5056 Datasheet HTML 9Page - Texas Instruments LM5056 Datasheet HTML 10Page - Texas Instruments LM5056 Datasheet HTML 11Page - Texas Instruments LM5056 Datasheet HTML 12Page - Texas Instruments LM5056 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
LM5056, LM5056A
www.ti.com
SNVS827A – OCTOBER 2012 – REVISED APRIL 2013
TERMINAL FUNCTIONS (continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
ADR1
19
I
SMBUS address line 1. Tri-state address line. Should be connected to DGND, VDD, or left floating.
ADR0
20
I
SMBUS address line 0. Tri-state address line. Should be connected to DGND, VDD, or left floating.
VDD input to internal digital circuitry. Provide a 5.0-V (±10% allowable) voltage supply to VDD to
VDD
21
I
power the internal digital circuitry. Connect a 1
μF capacitor on this pin to AGND for bypassing.
Current range select pin. Connecting this pin to VDD or DGND selects between a full-scale current
CL
22
O
sense voltage range of 27.0 mV and 54.4 mV respectively.
NC
23
-
Bonded to die for testing purposes. Connect to the ground plane.
NC
24
-
Bonded to die for testing purposes. Connect to the ground plane.
NC
25
-
No connect. Not bonded to the die. Connect to the ground plane.
NC
26
-
No connect. Not bonded to the die. Connect to the ground plane.
NC
27
-
No connect. Not bonded to the die. Connect to the ground plane.
NC
28
-
No connect. Not bonded to the die. Connect to the ground plane.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM5056 LM5056A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com