Electronic Components Datasheet Search
  English  ▼

X  

LM5056 Datasheet(PDF) 19 Page - Texas Instruments

Part # LM5056
Description  High-Voltage System Power Management Device with PMBus?
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5056 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM5056 Datasheet HTML 15Page - Texas Instruments LM5056 Datasheet HTML 16Page - Texas Instruments LM5056 Datasheet HTML 17Page - Texas Instruments LM5056 Datasheet HTML 18Page - Texas Instruments LM5056 Datasheet HTML 19Page - Texas Instruments LM5056 Datasheet HTML 20Page - Texas Instruments LM5056 Datasheet HTML 21Page - Texas Instruments LM5056 Datasheet HTML 22Page - Texas Instruments LM5056 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
LM5056, LM5056A
www.ti.com
SNVS827A – OCTOBER 2012 – REVISED APRIL 2013
Standard PMBus Commands
CLEAR_FAULTS (03h)
The CLEAR_FAULTS command is a standard PMBus command that resets all stored warning and fault flags
and the SMBA signal. If a fault or warning condition still exists when the CLEAR_FAULTS command is issued,
the SMBA signal may not clear or will reassert almost immediately. This command uses the PMBus send byte
protocol.
CAPABILITY (19h)
The CAPABILITY command is a standard PMBus command that returns information about the PMBus functions
supported by the LM5056/LM5056A/LM5056/LM5056AA. This command is read with the PMBus read byte
protocol.
Table 2. CAPABILITY Register
VALUE
MEANING
DEFAULT
B0h
Supports packet error check, 400 Kbits/s, supports SMBus alert
B0h
VOUT_UV_WARN_LIMIT (58h)
The VOUT_UV_WARN_LIMIT command is a standard PMBus command that allows configuring or reading the
threshold for the VOUT under-voltage warning detection. Reading and writing to this register should use the
coefficients shown in the Table 39. Accesses to this command should use the PMBus read or write word
protocol. If the measured value of VOUT falls below the value in this register, VOUT under-voltage warn flags are
set and the SMBA signal is asserted.
Table 3. VOUT_UV_WARN_LIMIT Register
VALUE
MEANING
DEFAULT
0001h – 0FFFh
VOUT under-voltage warning detection threshold
0000h (disabled)
0000h
VOUT under-voltage warning disabled
n/a
OT_FAULT_LIMIT (4Fh)
The OT_FAULT_LIMIT command is a standard PMBus command that allows configuring or reading the threshold
for the over-temperature fault detection. Reading and writing to this register should use the coefficients shown in
the Table 39. Accesses to this command should use the PMBus read or write word protocol. If the measured
temperature exceeds this value, an over-temperature fault is triggered and the SMBA signal is asserted. After the
measured temperature falls below the value in this register, the CLEAR_FAULTS command (03h) should be sent
to de-assert the SMBA signal. A single temperature measurement is an average of 16 round-robin cycles;
therefore, the minimum temperature fault detection time is 16 ms.
Table 4. OT_FAULT_LIMIT Register
VALUE
MEANING
DEFAULT
0000h – 0FFEh
Over-temperature fault threshold value
0960h (150°C)
0FFFh
Over-temperature fault detection disabled
n/a
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM5056 LM5056A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com