Electronic Components Datasheet Search
  English  ▼

X  

THS7376IPW Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # THS7376IPW
Description  4-Channel Video Amplifier with One SD and Three HD 8th-Order Filters with 6-dB Gain
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7376IPW Datasheet(HTML) 35 Page - Texas Instruments

Back Button THS7376IPW Datasheet HTML 31Page - Texas Instruments THS7376IPW Datasheet HTML 32Page - Texas Instruments THS7376IPW Datasheet HTML 33Page - Texas Instruments THS7376IPW Datasheet HTML 34Page - Texas Instruments THS7376IPW Datasheet HTML 35Page - Texas Instruments THS7376IPW Datasheet HTML 36Page - Texas Instruments THS7376IPW Datasheet HTML 37Page - Texas Instruments THS7376IPW Datasheet HTML 38Page - Texas Instruments THS7376IPW Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 61 page
background image
11
14
13
12
HD CH3 IN
HD CH3 OUT
HD CH1 IN
HD CH2 IN
CVBS IN
HD CH2 OUT
HD CH1 OUT
CVBS OUT
1
2
3
4
CVBS
Y’, G’
P’B, B’
R
37.4 W
R
37.4 W
R
37.4 W
P’R, R’
5
6
7
10
9
8
NC
HD BYPASS
DISABLE
VS+
GND
NC
R
37.4 W
+3 V to 5 V
To GPIO
Controller Or GND
75 W
75 W
75 W
75 W
CVBS
Out
Y’, G’
Out
P’B, B’
Out
P’R, R’
Out
C
STRAY
5 pF
C
STRAY
5 pF
C
STRAY
5 pF
C
STRAY
5 pF
C
10 pF
C
10 pF
C
10 pF
C
10 pF
75 W
75 W
75 W
75 W
C
STRAY
5 pF
C
STRAY
5 pF
C
STRAY
5 pF
C
STRAY
5 pF
R
SOURCE
V
SOURCE
11
14
13
12
HD CH3 IN
HD CH3 OUT
HD CH1 IN
HD CH2 IN
CVBS IN
HD CH2 OUT
HD CH1 OUT
CVBS OUT
1
2
3
4
5
6
7
10
9
8
NC
HD BYPASS
DISABLE
V
S+
GND
NC
+3 V to 5 V
To GPIO
Controller Or GND
R
LOAD
C
LOAD
R
LOAD
C
LOAD
R
LOAD
C
LOAD
R
LOAD
C
LOAD
R
TERM
R
TERM
R
TERM
R
TERM
22
F
m
+
0.1
F
m
V
BIAS
THS7376
www.ti.com
SBOS692 – JUNE 2013
TEST CIRCUITS
Figure 122 shows the default test condition for the THS7376. RLOAD is nominally 150 Ω and CLOAD is nominally
5 pF to account for traditional printed circuit board (PCB) layout parasitics. The input typically comes from either
a video generator (such as a TEK TG700) or other sources (such as a network analyzer, pulse generator, or a
sine-wave generator). Inputs originating from a video generator require a 75-
Ω input termination and a dc offset.
Inputs from other sources require a 50-
Ω termination and a dc offset (approximately 0.6 VDC). Figure 122 is the
preferred configuration for most testing.
Figure 122. Default Test Configuration
Figure 123 shows the typical system configuration where long PCB traces between the system-on-a-chip (SOC)
DAC output and the THS7376 are common. On the output, long PCB traces and small capacitors placed near
the connector are common components, and are normally used for electromagnetic interference (EMI)
considerations. These capacitors combine with the device filter response and can help attenuate very high
frequencies. This circuit is useful in understanding the high-frequency roll-off effects resulting from actual system
parasitics typically found in end applications.
Figure 123. Typical System Configuration
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: THS7376



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com