Electronic Components Datasheet Search
  English  ▼

X  

THS7376IPW Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # THS7376IPW
Description  4-Channel Video Amplifier with One SD and Three HD 8th-Order Filters with 6-dB Gain
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7376IPW Datasheet(HTML) 30 Page - Texas Instruments

Back Button THS7376IPW Datasheet HTML 26Page - Texas Instruments THS7376IPW Datasheet HTML 27Page - Texas Instruments THS7376IPW Datasheet HTML 28Page - Texas Instruments THS7376IPW Datasheet HTML 29Page - Texas Instruments THS7376IPW Datasheet HTML 30Page - Texas Instruments THS7376IPW Datasheet HTML 31Page - Texas Instruments THS7376IPW Datasheet HTML 32Page - Texas Instruments THS7376IPW Datasheet HTML 33Page - Texas Instruments THS7376IPW Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 61 page
background image
−100
−90
−80
−70
−60
−50
−40
1M
10M
100M
Frequency (Hz)
HD1 into SD
HD2 into SD
HD3 into SD
VS+ = 5 V
G092
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
0
20
40
60
80
100
120
140
Time (ns)
C109
V
S+ = 5 V
f
IN = 50 MHz
Bypass Pin Input Voltage
Filter Mode
Bypass Mode
Output Voltage
−100
−90
−80
−70
−60
−50
−40
−30
−20
1M
10M
100M
1G
Frequency (Hz)
HD1 into HD2
HD1 into HD3
HD2 into HD1
HD2 into HD3
HD3 into HD1
HD3 into HD2
VS+ = 5 V
G091
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
0
50 100 150 200 250 300 350 400 450 500 550 600
Time (ns)
C108
Enable Input Voltage
Enabled
Disabled
V
S+ = 5 V
Output Voltage
200
225
250
275
300
325
350
375
400
425
450
0.5
1
1.5
2
2.5
Output Voltage (V)
Positive Slew Rate
Negative Slew Rate
VS+ = 5 V
G090
THS7376
SBOS692 – JUNE 2013
www.ti.com
TYPICAL CHARACTERISTICS: 5-V High-Definition (HD) Bypass Channels (continued)
At load = 150
Ω || 5 pF and dc-coupled input and output, unless otherwise noted.
Figure 106. HD BYPASS SLEW RATE vs OUTPUT VOLTAGE
Figure 107. HD ENABLE AND DISABLE RESPONSE vs TIME
Figure 108. HD FILTER AND BYPASS RESPONSE vs TIME
Figure 109. HD BYPASS TO HD BYPASS CROSSTALK vs
FREQUENCY
Figure 110. HD BYPASS TO SD CROSSTALK vs FREQUENCY
30
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: THS7376



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com