Electronic Components Datasheet Search
  English  ▼

X  

THS7376IPW Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # THS7376IPW
Description  4-Channel Video Amplifier with One SD and Three HD 8th-Order Filters with 6-dB Gain
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7376IPW Datasheet(HTML) 29 Page - Texas Instruments

Back Button THS7376IPW Datasheet HTML 25Page - Texas Instruments THS7376IPW Datasheet HTML 26Page - Texas Instruments THS7376IPW Datasheet HTML 27Page - Texas Instruments THS7376IPW Datasheet HTML 28Page - Texas Instruments THS7376IPW Datasheet HTML 29Page - Texas Instruments THS7376IPW Datasheet HTML 30Page - Texas Instruments THS7376IPW Datasheet HTML 31Page - Texas Instruments THS7376IPW Datasheet HTML 32Page - Texas Instruments THS7376IPW Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 61 page
background image
-3.35
-2.35
-1.35
-0.35
0.65
1.65
-0.4
0.6
1.6
2.6
3.6
4.6
±50
0
50
100
150
200
250
Time (ns)
C105
V
S+ = 5 V
Bypass Mode
Input Voltage
Waveform
Output Voltage
Waveform
Input t
R, tF = 1 ns
0.35
0.45
0.55
0.65
0.75
0.85
1.45
1.55
1.65
1.75
1.85
1.95
±50
0
50
100
150
200
250
Time (ns)
C106
V
S+ = 5 V
Bypass Mode
Input t
R, tF = 1 ns
Input Voltage
Waveform
Output Voltage
Waveform
−50
−40
−30
−20
−10
0
10
20
10M
100M
1G
Frequency (Hz)
CL = 1.3 pF
CL = 5 pF
CL = 9.5 pF
CL = 16.3 pF
CL = 19.3 pF
VS+ = 5 V
Load = 150
Ω || C
L
VOUT = 200 mVPP
Input Bias = 0.65 VDC
DC−Coupled Output
G087
0
2
4
6
8
10
12
10M
100M
1G
Frequency (Hz)
CL = 1.3 pF
CL = 5 pF
CL = 9.5 pF
CL = 16.3 pF
CL = 19.3 pF
VS+ = 5 V
Load = 150
Ω || C
L
VOUT = 200 mVPP
Input Bias = 0.65 VDC
DC−Coupled Output
G088
−30
−25
−20
−15
−10
−5
0
5
10
100k
1M
10M
100M
1G
Frequency (Hz)
TA = −40°C
TA = 25°C
TA = 85°C
VS+ = 5 V
Load = 150
Ω || 5 pF
VOUT = 200 mVPP
Input Bias = 0.65 VDC
DC−Coupled Output
G085
2
3
4
5
6
7
8
100k
1M
10M
100M
1G
Frequency (Hz)
TA = −40°C
TA = 25°C
TA = 85°C
VS+ = 5 V
Load = 150
Ω || 5 pF
VOUT = 200 mVPP
Input Bias = 0.65 VDC
DC−Coupled Output
G086
THS7376
www.ti.com
SBOS692 – JUNE 2013
TYPICAL CHARACTERISTICS: 5-V High-Definition (HD) Bypass Channels (continued)
At load = 150
Ω || 5 pF and dc-coupled input and output, unless otherwise noted.
Figure 100. HD BYPASS SMALL-SIGNAL GAIN vs
Figure 101. HD BYPASS SMALL-SIGNAL GAIN vs
FREQUENCY
FREQUENCY
Figure 102. HD BYPASS SMALL-SIGNAL GAIN vs
Figure 103. HD BYPASS SMALL-SIGNAL GAIN vs
FREQUENCY
FREQUENCY
Figure 104. HD BYPASS LARGE-SIGNAL PULSE
Figure 105. HD BYPASS SMALL-SIGNAL PULSE
RESPONSE vs TIME
RESPONSE vs TIME
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: THS7376



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com