Electronic Components Datasheet Search
  English  ▼

X  

THS7376IPW Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # THS7376IPW
Description  4-Channel Video Amplifier with One SD and Three HD 8th-Order Filters with 6-dB Gain
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7376IPW Datasheet(HTML) 39 Page - Texas Instruments

Back Button THS7376IPW Datasheet HTML 35Page - Texas Instruments THS7376IPW Datasheet HTML 36Page - Texas Instruments THS7376IPW Datasheet HTML 37Page - Texas Instruments THS7376IPW Datasheet HTML 38Page - Texas Instruments THS7376IPW Datasheet HTML 39Page - Texas Instruments THS7376IPW Datasheet HTML 40Page - Texas Instruments THS7376IPW Datasheet HTML 41Page - Texas Instruments THS7376IPW Datasheet HTML 42Page - Texas Instruments THS7376IPW Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 61 page
background image
V
S+
External Input
and Output Pin
Internal
Circuitry
THS7376
www.ti.com
SBOS692 – JUNE 2013
OPERATING VOLTAGE
The THS7376 is designed to operate from 3 V to 5 V over the –40°C to +85°C temperature range. The impact on
performance over the entire temperature range is negligible as a result of the implementation of thin film resistors
and high-quality, low-temperature coefficient capacitors. The design of the THS7376 allows operation down to
2.85 V, but TI recommends using at least a 3-V supply to ensure that no issues arise with headroom or clipping
with 100% color-saturated CVBS signals. If only 75% color-saturated CVBS is supported, then the output voltage
requirements are reduced to 2 VPP on the output, allowing a 2.85-V supply to be used without issue.
A 0.1-
μF to 0.01-μF capacitor should be placed as close as possible to the power-supply pins. Failure to do so
may result in the THS7376 outputs ringing or oscillating. Additionally, a large capacitor (such as 22
μF to 100 μF)
should be placed on the power-supply line to minimize interference with 50- and 60-Hz line frequencies.
INPUT VOLTAGE
The device input range allows for an input signal range from –0.05 V to approximately (VS+ – 1.5 V). However,
because of the internal fixed gain of 2 V/V (+6 dB) and the internal input level shift of 105 mV (typical), the output
is generally the limiting factor for the allowable linear input range. For example, with a 5-V supply, the linear input
range is from –0.05 V to 3.5 V. However, because of the gain and level shift, the linear output range limits the
allowable linear input range to approximately –0.05 V to 2.3 V.
INPUT OVERVOLTAGE PROTECTION
The device is built using a very high-speed, complementary, BiCMOS process. The internal junction breakdown
voltages are relatively low for these very small geometry devices. These breakdowns are reflected in the
Absolute Maximum Ratings table. All input and output device pins are protected with internal ESD protection
diodes to the power supplies, as shown in Figure 129.
Figure 129. Internal ESD Protection
These diodes provide moderate protection to input overdrive voltages above and below the supplies as well. The
protection diodes can typically support 30 mA of continuous current when overdriven.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: THS7376



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com