Electronic Components Datasheet Search
  English  ▼

X  

THS7376IPW Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # THS7376IPW
Description  4-Channel Video Amplifier with One SD and Three HD 8th-Order Filters with 6-dB Gain
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7376IPW Datasheet(HTML) 2 Page - Texas Instruments

  THS7376IPW Datasheet HTML 1Page - Texas Instruments THS7376IPW Datasheet HTML 2Page - Texas Instruments THS7376IPW Datasheet HTML 3Page - Texas Instruments THS7376IPW Datasheet HTML 4Page - Texas Instruments THS7376IPW Datasheet HTML 5Page - Texas Instruments THS7376IPW Datasheet HTML 6Page - Texas Instruments THS7376IPW Datasheet HTML 7Page - Texas Instruments THS7376IPW Datasheet HTML 8Page - Texas Instruments THS7376IPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 61 page
background image
THS7376
SBOS692 – JUNE 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range, unless otherwise noted.
VALUE
UNIT
Supply, VS+ to GND
5.5
V
Voltage
Input, VI
–0.4 to VS+
V
Continuous Output current, IO
±75
mA
Continuous power dissipation
See Thermal Information Table
Maximum junction, any condition(2), TJ
+150
°C
Maximum junction, continuous
Temperature
+125
°C
operation, long-term reliability(3), TJ
Storage range, Tstg
–60 to +150
°C
Human body model (HBM)
±10
kV
Electrostatic discharge (ESD) ratings
(output pins)
Charge device model (CDM)
±2
kV
Human body model (HBM)
±8
kV
Electrostatic discharge (ESD) ratings
(all other pins)
Charge device model (CDM)
±1
kV
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The absolute maximum junction temperature under any condition is limited by the constraints of the silicon process.
(3)
The absolute maximum junction temperature for continuous operation is limited by the package constraints. Operation above this
temperature may result in reduced reliability and lifetime of the device.
THERMAL INFORMATION
THS7376
THERMAL METRIC(1)
PW (TSSOP)
UNITS
14 PINS
θJA
Junction-to-ambient thermal resistance
124.2
θJCtop
Junction-to-case (top) thermal resistance
52.9
θJB
Junction-to-board thermal resistance
66.0
°C/W
ψJT
Junction-to-top characterization parameter
7.3
ψJB
Junction-to-board characterization parameter
65.4
θJCbot
Junction-to-case (bottom) thermal resistance
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: THS7376



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com