Electronic Components Datasheet Search
  English  ▼

X  

DDC112 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DDC112
Description  MONOLITHIC CHARGE MEASUREMENT A/D CONVERTER, DIGITAL FILTER NOISE REDUCTION: 3.2ppm, rms
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DDC112 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DDC112 Datasheet HTML 7Page - Texas Instruments DDC112 Datasheet HTML 8Page - Texas Instruments DDC112 Datasheet HTML 9Page - Texas Instruments DDC112 Datasheet HTML 10Page - Texas Instruments DDC112 Datasheet HTML 11Page - Texas Instruments DDC112 Datasheet HTML 12Page - Texas Instruments DDC112 Datasheet HTML 13Page - Texas Instruments DDC112 Datasheet HTML 14Page - Texas Instruments DDC112 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
DDC112
11
SBAS085B
www.ti.com
Determining the Integration Capacitor (CF) Value
The value of the integrator’s feedback capacitor, the integra-
tion period, and the reference voltage determine the positive
full-scale (+FS) value of the DDC112. The approximate
positive full-scale value of the DDC112 is given by the
following equations:
QI
T
QV
C
I
VC
T
or
C
IT
V
IN
IN
INT
FS
REF
F
FS
REF
F
INT
F
FS
INT
REF
=×
=
(
)
×
= (
)
×
=
×
096
096
096
.
.
(.
)
The
0.96 factor allows the front end integrators to reach full-
scale without having to completely swing to ground. The
negative full-scale (–FS) range is approximately 0.4% of the
positive full-scale range. For example, Range 5 has a nomi-
nal +FS range of 250pC. The –FS range is then approxi-
mately –1pC. This relationship holds for external capacitors
as well and is independent of VREF (for VREF within the
allowable range, see the Electrical Characteristics table).
Integration Capacitors
There are seven different capacitors available on-chip for
each side of each channel in the DDC112. These internal
capacitors are trimmed in production to achieve the specified
performance for range error of the DDC112. The range
control pins (RANGE0-RANGE2) change the capacitor value
for all four integrators. Consequently, both inputs and both
sides of each input will always have the same full-scale
range unless external capacitors are used.
External integration capacitors may be used instead of the
internal capacitors values by setting [RANGE2-RANGE0 =
000]. The external capacitor pin connections are summa-
rized in Table II. Usually, all four external capacitors are
equal in value; however, it is possible to have differing pairs
of external capacitors between Input 1 and Input 2 of the
DDC112. Regardless of the selected value of the capacitor,
it is strongly recommended that the capacitors for sides A
and B be the same.
INTEGRATOR
DDC112U, UK
DDC112Y, YK
Channel
Side
5 and 6
1 and 2
1
A
3 and 4
31 and 32
1
B
23 and 24
23 and 24
2
A
25 and 26
25 and 26
2
B
TABLE II. External Capacitor Connections with Range Con-
figuration of RANGE2-RANGE0 = 000.
Since the range accuracy depends on the characteristics of
the integration capacitor, they must be carefully selected. An
external integration capacitor should have low-voltage coef-
ficient, temperature coefficient, memory, and leakage cur-
rent. The optimum selection depends on the requirements of
the specific application. Suitable types include chip-on-glass
(COG) ceramic, polycarbonate, polystyrene, and silver mica.
Voltage Reference
The external voltage reference is used to reset the integra-
tion capacitors before an integration cycle begins. It is also
used by the
∆Σ converter while the converter is measuring
the voltage stored on the integrators after an integration
cycle ends. During this sampling, the external reference must
supply charge needed by the
∆Σ converter. For an integration
time of 500
µs, this charge translates to an average V
REF
current of approximately 150
µA. The amount of charge
needed by the
∆Σ converter is independent of the integration
time; therefore, increasing the integration time lowers the
average current. For example, an integration time of 1000
µs
lowers to average VREF current to 75µA.
It is critical that VREF be stable during the different modes of
operation in Figure 5. The
∆Σ converter measures the volt-
age on the integrator with respect to VREF. Since the
integrator’s capacitors are initially reset to VREF, any droop in
VREF from the time the capacitors are reset to the time when
the converter measures the integrator’s output will introduce
an offset. It is also important that VREF be stable over longer
periods of time as changes in VREF correspond directly to
changes in the full-scale range. Finally, VREF should intro-
duce as little additional noise as possible.
For reasons mentioned above, it is strongly recommended
that the external reference source be buffered with an
operational amplifier, as shown in Figure 6. In this circuit,
the voltage reference is generated by a 4.096V reference.
FIGURE 6. Recommended External Voltage Reference Circuit for Best Low-Noise Operation with the DDC112.
0.10
µF
+5V
10k
Ω
10
µF
4
3
3
2
1
2
7
6
+
0.10
µF
0.1
µF
10
µF
+
OPA350
To V
REF
Pin 22 of
the DDC112
REF3040
+5V
0.47
µF
EXTERNAL CAPACITOR PINS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com