Electronic Components Datasheet Search
  English  ▼

X  

DDC112 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DDC112
Description  MONOLITHIC CHARGE MEASUREMENT A/D CONVERTER, DIGITAL FILTER NOISE REDUCTION: 3.2ppm, rms
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DDC112 Datasheet(HTML) 3 Page - Texas Instruments

  DDC112 Datasheet HTML 1Page - Texas Instruments DDC112 Datasheet HTML 2Page - Texas Instruments DDC112 Datasheet HTML 3Page - Texas Instruments DDC112 Datasheet HTML 4Page - Texas Instruments DDC112 Datasheet HTML 5Page - Texas Instruments DDC112 Datasheet HTML 6Page - Texas Instruments DDC112 Datasheet HTML 7Page - Texas Instruments DDC112 Datasheet HTML 8Page - Texas Instruments DDC112 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
DDC112
3
SBAS085B
www.ti.com
ELECTRICAL CHARACTERISTICS
At TA = +25°C, AVDD = DVDD = +5V, DDC112U, Y: TINT = 500µs, CLK = 10MHz, DDC112UK, YK: TINT = 333.3µs, CLK = 15MHz, VREF = +4.096V, continuous mode
operation, and internal integration capacitors, unless otherwise noted.
✻ Specifications same as DDC112U, Y.
NOTES: (1) Input is less than 1% of full scale. (2) CSENSOR is the capacitance seen at the DDC112 inputs from wiring, photodiode, etc. (3) FSR is Full-Scale Range.
(4) A best-fit line is used in measuring linearity. (5) Matching between side A and side B, not input 1 to input 2. (6) Voltage produced by the DDC112 at its input which
is applied to the sensor. (7) Range drift does not include external reference drift. (8) Input reference current decreases with increasing TINT (see the Voltage Reference
section). (9) Data format is Straight Binary with a small offset (see the
Data Retrieval section). (10) Ensured by design but not production tested.
DDC112U, Y
DDC112UK, YK
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
ANALOG INPUTS
External, Positive Full-Scale
Range 0
CEXT = 250pF
1000
✻
pC
Internal, Positive Full-Scale
Range 1
47.5
50
52.5
✻✻
✻
pC
Range 2
95
100
105
✻✻
✻
pC
Range 3
142.5
150
157.5
✻✻
✻
pC
Range 4
190
200
210
✻✻
✻
pC
Range 5
237.5
250
262.5
✻✻
✻
pC
Range 6
285
300
315
✻✻
✻
pC
Range 7
332.5
350
367.5
✻✻
✻
pC
Negative Full-Scale Input
–0.4% of Positive FS
✻
pC
DYNAMIC CHARACTERISTICS
Conversion Rate
2
3
kHz
Integration Time, TINT
Continuous Mode
500
1,000,000
333.3
✻
µs
Integration Time, TINT
Non-Continuous Mode
50
✻
µs
System Clock Input (CLK)
1
10
12
✻✻
15
MHz
Data Clock (DCLK)
12
15
MHz
ACCURACY
Noise, Low-Level Current Input(1)
CSENSOR(2) = 0pF, Range 5 (250pC)
3.2
✻
ppm of FSR(3), rms
CSENSOR = 25pF, Range 5 (250pC)
3.8
✻
ppm of FSR, rms
CSENSOR = 50pF, Range 5 (250pC)
4.2
6.0
✻
7
ppm of FSR, rms
Differential Linearity Error
±0.005% Reading ±0.5ppm
FSR (max)
✻
Integral Linearity Error(4)
±0.005% Reading ±0.5ppm
FSR (typ)
✻
±0.025% Reading ±1.0ppm
FSR (max)
✻
No Missing Codes
20
✻
Bits
Input Bias Current
TA = +25°C
0.1
10
✻✻
pA
Range Error
Range 5 (250pC)
5
✻
% of FSR
Range Error Match(5)
All Ranges
0.1
0.5
✻✻
% of FSR
Range Sensitivity to VREF
VREF = 4.096 ±0.1V
1:1
✻
Offset Error
Range 5, (250pC)
±200
✻
±600
ppm of FSR
Offset Error Match(5)
±100
✻
ppm of FSR
DC Bias Voltage(6) (Input VOS)
±0.05
±2
✻✻
mV
Power-Supply Rejection Ratio
±25
±200
✻✻
ppm of FSR/V
Internal Test Signal
13
✻
pC
Internal Test Accuracy
±10
✻
%
PERFORMANCE OVER TEMPERATURE
Offset Drift
±0.5
±3(10)
ppm of FSR/
°C
Offset Drift Stability
±0.2
✻
±0.7(10) ppm of FSR/minute
DC Bias Voltage Drift
Applied to Sensor Input
3
±1
µV/°C
Input Bias Current Drift
+25
°C to +45°C
0.01
1(10)
✻✻
pA/
°C
Input Bias Current
TA = +75°C2
50(10)
✻✻
pA
Range Drift(7)
Range 5 (250pC)
25
0
25
50(10)
ppm/
°C
Range Drift Match(5)
Range 5 (250pC)
±0.05
✻
ppm/
°C
REFERENCE
Voltage
4.000
4.096
4.200
✻✻
✻
V
Input Current(8)
TINT = 500µs
150
225
275
µA
DIGITAL INPUT/OUTPUT
Logic Levels
VIH
4.0
DVDD + 0.3
✻✻
V
VIL
–0.3
+0.8
✻✻
V
VOH
IOH = –500µA
4.5
✻
V
VOL
IOL = 500µA
0.4
✻
V
Input Current, IIN
–10
+10
✻✻
µA
Data Format(9)
Straight Binary
✻
POWER-SUPPLY REQUIREMENTS
Power-Supply Voltage
AVDD and DVDD
4.75
5.25
✻✻
V
Supply Current
Analog Current
AVDD = +5V
14.8
15.2
mA
Digital Current
DVDD = +5V
1.2
1.8
mA
Total Power Dissipation
80
100
85
130
mW
TEMPERATURE RANGE
Specified Performance
–40
+85
0
+70
°C
Storage
–60
+100
✻✻
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com