Electronic Components Datasheet Search
  English  ▼

X  

DDC112 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # DDC112
Description  MONOLITHIC CHARGE MEASUREMENT A/D CONVERTER, DIGITAL FILTER NOISE REDUCTION: 3.2ppm, rms
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DDC112 Datasheet(HTML) 18 Page - Texas Instruments

Back Button DDC112 Datasheet HTML 14Page - Texas Instruments DDC112 Datasheet HTML 15Page - Texas Instruments DDC112 Datasheet HTML 16Page - Texas Instruments DDC112 Datasheet HTML 17Page - Texas Instruments DDC112 Datasheet HTML 18Page - Texas Instruments DDC112 Datasheet HTML 19Page - Texas Instruments DDC112 Datasheet HTML 20Page - Texas Instruments DDC112 Datasheet HTML 21Page - Texas Instruments DDC112 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
DDC112
18
SBAS085B
www.ti.com
FIGURE 16. Equivalent CONV Signals in Non-Continuous Mode.
FIGURE 17. Non-Continuous Mode Timing with a 50% Duty Cycle CONV Signal.
CONV1
CONV2
23
1
34
4
1
2
State
mbsy
CONV
DVALID
23
1
34
41
State
Integration
Status
mbsy
Int B
Int A
Int B
Side A
Data
Side B
Data
Side A
Data
Int A
Looking at the state diagram, one can see that the CONV
pattern needed to generate a given state progression is not
unique. Upon entering states 1 or 8, the DDC112 remains in
those states until mbsy goes LOW, independent of CONV.
As long as the m/r/az cycle is underway, the state machine
ignores CONV (see Figure 9). The top two signals are
different CONV patterns that produce the same state.
This feature can be a little confusing at first, but it does allow
flexibility in generating ncont mode CONV patterns. For
example, the DDC112 Evaluation Fixture operates in the
ncont mode by generating a square wave with pulse width
< t6. Figure 17 illustrates operation in the ncont mode using
a 50% duty cycle CONV signal with TINT = 1620 CLK
periods. Care must be exercised when using a square wave
to generate CONV. There are certain integration times that
must be avoided since they produce very short intervals for
state 2 (or state 7 if CONV is inverted). As seen in the state
diagram, the state progresses from 2 to 3 as soon as CONV
is HIGH. The state machine does not insure that the duration
of state 2 is long enough to properly prepare the next side
for integration (t11). This must be done by the user with
proper timing of CONV. For example, if CONV is a square
wave with TINT = 3042 CLK periods, state 2 will only be 18
CLK periods long, therefore, t11 will not be met.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com