Electronic Components Datasheet Search
  English  ▼

X  

DDC112 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # DDC112
Description  MONOLITHIC CHARGE MEASUREMENT A/D CONVERTER, DIGITAL FILTER NOISE REDUCTION: 3.2ppm, rms
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DDC112 Datasheet(HTML) 19 Page - Texas Instruments

Back Button DDC112 Datasheet HTML 15Page - Texas Instruments DDC112 Datasheet HTML 16Page - Texas Instruments DDC112 Datasheet HTML 17Page - Texas Instruments DDC112 Datasheet HTML 18Page - Texas Instruments DDC112 Datasheet HTML 19Page - Texas Instruments DDC112 Datasheet HTML 20Page - Texas Instruments DDC112 Datasheet HTML 21Page - Texas Instruments DDC112 Datasheet HTML 22Page - Texas Instruments DDC112 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
DDC112
19
SBAS085B
www.ti.com
CONV
4
2
1
4
Non-Continuous
Continuous
33
State
mbsy
m/r/az
Status
Integration
Status
m/r/az A
m/r/az B
m/r/az A
Int B
Int A
Integrate A
Integrate B
FIGURE 18. Changing from Continuous Mode to Non-Continuous Mode.
FIGURE 19. Changing from Non-Continuous Mode to Continuous Mode.
CONV
87
45
Continuous
Non-Continuous
5
65
State
Integration
Status
m/r/az
Status
mbsy
m/r/az B
m/r/az A
m/r/az B
m/r/az A
m/r/az B
Integrate A
Integrate B
Int A
Int A
Int B
Changing Between Modes
Changing from the cont to ncont mode occurs whenever
TINT < t6. Figure 18 shows an example of this transition.
In this figure, the cont mode is entered when the integration
on side A is completed before the m/r/az cycle on side B is
complete. The DDC112 completes the measurement on
sides B and A during states 8 and 7 with the input signal
shorted to ground. Ncont integration begins with state 6.
Changing from the ncont to cont mode occurs when TINT is
increased so that TINT is always ≥ t6 (see Figure 14). With a
longer TINT, the m/r/az cycle has enough time to finish before
the next integration begins and continuous integration of the
input signal is possible. For the special case of the very first
integration when changing to the cont mode, TINT can be
< t6. This is allowed because there is no simultaneous
m/r/az cycle on the side B during state 3—there is no need
to wait for it to finish before ending the integration on side A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com