Electronic Components Datasheet Search
  English  ▼

X  

DDC112 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # DDC112
Description  MONOLITHIC CHARGE MEASUREMENT A/D CONVERTER, DIGITAL FILTER NOISE REDUCTION: 3.2ppm, rms
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DDC112 Datasheet(HTML) 24 Page - Texas Instruments

Back Button DDC112 Datasheet HTML 20Page - Texas Instruments DDC112 Datasheet HTML 21Page - Texas Instruments DDC112 Datasheet HTML 22Page - Texas Instruments DDC112 Datasheet HTML 23Page - Texas Instruments DDC112 Datasheet HTML 24Page - Texas Instruments DDC112 Datasheet HTML 25Page - Texas Instruments DDC112 Datasheet HTML 26Page - Texas Instruments DDC112 Datasheet HTML 27Page - Texas Instruments DDC112 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
DDC112
24
SBAS085B
www.ti.com
RETRIEVAL
BEFORE AND AFTER CONV
TOGGLES (CONTINUOUS MODE)
For the absolute maximum time for data retrieval, data can
be retrieved
before and after CONV toggles. Nearly all of TINT
is available for data retrieval. Figure 26 illustrates how this is
done by combining the two previous methods. You must
pause the retrieval during CONV toggling to prevent digital
noise, as discussed previously, and finish before the next
data is ready. The maximum number of DDC112s that can
be daisy-chained together is:
Ts
s
INT
DCLK
––
20
2
40
µµ
τ
For TINT = 500µs and DCLK = 10MHz, the maximum number
of DDC112s is 119.
RETRIEVAL: NONCONTINUOUS MODE
Retrieving in noncontinuous mode is slightly different as
compared with the continuous mode. As shown in Figure 27
and described in detail in Application Bulletin SBAA024
(available for download at www.ti.com), DVALID goes LOW
in time t30 after the first integration completes. If TINT is
shorter than this time, all of t31 is available to retrieve data
before the other side’s data is ready. For TINT > t30, the first
integration’s data is ready before the second integration
completes. Data retrieval must be delayed until the second
integration completes leaving less time available for retrieval.
The time available is t31 – (TINT – t30). The second integration’s
data must be retrieved before the next round of integrations
begin. This time is highly dependent on the pattern used to
generate CONV. As with the continuous mode, data retrieval
must halt before and after CONV toggles (t28 and t29) and be
completed before new data is ready (t26).
POWER-UP SEQUENCING
Prior to power-up, all digital and analog input pins must be
LOW. At the time of power-up, these signal inputs can be
biased to a voltage other than 0V, however, they should
never exceed AVDD or DVDD. The level of CONV at power-
up is used to determine which side (A or B) will be integrated
first. Before integrations can begin though, CONV must
toggle; see Figure 28.
•••
•••
•••
•••
•••
•••
•••
•••
•••
•••
•••
•••
DCLK
DXMIT
DVALID
CONV
DOUT
Side B
Data
Side A
Data
T
INT
t
29
t
28
t
26
T
INT
T
INT
FIGURE 26. Readback
Before and After CONV Toggles.
CLK = 10MHz
CLK = 15MHz
SYMBOL
DESCRIPTION
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
t26
Hold Time for DXMIT HIGH Before Falling
2
1.33
µs
Edge of DVALID
t28
Data Retrieval Shutdown Before Edge of CONV
10
10
µs
t29
Data Retrieval Start-Up After dge of CONV
10
10
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com