Electronic Components Datasheet Search
  English  ▼

X  

LM1085 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM1085
Description  The LM1085 is a series of low dropout positive voltage regulators with a maximum dropout of 1.5V at 3A of load current.
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM1085 Datasheet(HTML) 4 Page - Texas Instruments

  LM1085 Datasheet HTML 1Page - Texas Instruments LM1085 Datasheet HTML 2Page - Texas Instruments LM1085 Datasheet HTML 3Page - Texas Instruments LM1085 Datasheet HTML 4Page - Texas Instruments LM1085 Datasheet HTML 5Page - Texas Instruments LM1085 Datasheet HTML 6Page - Texas Instruments LM1085 Datasheet HTML 7Page - Texas Instruments LM1085 Datasheet HTML 8Page - Texas Instruments LM1085 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LM1085
SNVS038G – JULY 1999 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics (continued)
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the operating junction temperature (TJ)
range of -40°C to +125°C. Minimum and Maximum limits are ensured through test, design, or statistical correlation. Typical
values represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only.
Min
Typ
Max
Symbol
Parameter
Conditions
Units
(1)
(2)
(1)
0.015
0.2
LM1085-ADJ, IOUT =10mA, 1.5V≤ (VIN-VOUT) ≤ 15V
%
0.035
0.2
0.5
6
LM1085-3.3, IOUT = 0mA, 4.8V ≤ VIN ≤ 15V
mV
1.0
6
Line Regulation
ΔVOUT
(4)
0.5
10
LM1085-5.0, IOUT = 0mA, 6.5V ≤ VIN ≤ 20V
mV
1.0
10
1.0
25
LM1085-12, I OUT =0mA, 13.5V ≤ VIN ≤ 25V
mV
2.0
25
LM1085-ADJ, (VIN-V OUT) = 3V, 10mA ≤ IOUT ≤ IFULL
0.1
0.3
%
LOAD
0.2
0.4
3
15
LM1085-3.3, VIN = 5V, 0 ≤ IOUT ≤ IFULL LOAD
mV
7
20
Load Regulation
ΔVOUT
(4)
5
20
LM1085-5.0, VIN = 8V, 0 ≤ IOUT ≤ IFULL LOAD
mV
10
35
12
36
LM1085-12, VIN = 15V, 0 ≤ IOUT ≤ IFULL LOAD
mV
24
72
LM1085-ADJ, 3.3, 5, 12
VDO
Dropout Voltage (5)
V
ΔVREF, ΔVOUT = 1%, IOUT = 3A
1.3
1.5
LM1085-ADJ, VIN−VOUT = 5V
3.2
5.5
A
LM1085-ADJ, VIN−VOUT = 25V
0.2
0.5
ILIMIT
Current Limit
LM1085-3.3, VIN = 8.0V
3.2
5.5
A
LM1085-5.0, VIN = 10V
3.2
5.5
A
LM1085-12, VIN = 17V
3.2
5.5
A
Minimum Load
LM1085-ADJ, VIN −VOUT = 25V
5.0
10.0
mA
Current (6)
LM1085-3.3, VIN ≤ 18V
5.0
10.0
mA
IGND
Quiescent Current
LM1085-5.0, VIN ≤ 20V
5.0
10.0
mA
LM1085-12, VIN ≤ 25V
5.0
10.0
mA
Thermal Regulation
TA = 25°C, 30ms Pulse
.004
0.02
%/W
fRIPPLE = 120Hz, COUT = 25µF Tantalum, IOUT = 3A
LM1085-ADJ
60
75
dB
CADJ = 25µF, (VIN−VO) = 3V
Ripple Rejection
LM1085-3.3, VIN = 6.3V
60
72
dB
LM1085-5.0, VIN = 8.0V
60
68
dB
LM1085-12, VIN = 15V
54
60
dB
IADJ
Adjust Pin Current
LM1085–ADJ
55
120
µA
Adjust Pin Current
LM1085–ADJ
ΔIADJ
0.2
5
µA
Change
10mA
≤ IOUT ≤ IFULL LOAD, 1.5V ≤ VIN−VOUT ≤ 25V
Temperature Stability
0.5
%
Long Term Stability
TA= 125°C, 1000 Hrs
0.3
1.0
%
RMS Output Noise
10Hz
≤ f ≤ 10 kHz
0.003
%
(% of VOUT)
3-Lead DDPAK/TO-263
-
0.7
-
Thermal Resistance
θJC
°C/W
(Junction-to-Case)
3-Lead TO-220
-
0.7
-
(4)
Load and line regulation are measured at constant junction temperature, and are ensured up to the maximum power dissipation of 30W.
Power dissipation is determined by the input/output differential and the output current. Ensured maximum power dissipation will not be
available over the full input/output range.
(5)
Dropout voltage is specified over the full output current range of the device.
(6)
The minimum output current required to maintain regulation.
4
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM1085



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com