Electronic Components Datasheet Search
  English  ▼

X  

LM1085 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM1085
Description  The LM1085 is a series of low dropout positive voltage regulators with a maximum dropout of 1.5V at 3A of load current.
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM1085 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM1085 Datasheet HTML 9Page - Texas Instruments LM1085 Datasheet HTML 10Page - Texas Instruments LM1085 Datasheet HTML 11Page - Texas Instruments LM1085 Datasheet HTML 12Page - Texas Instruments LM1085 Datasheet HTML 13Page - Texas Instruments LM1085 Datasheet HTML 14Page - Texas Instruments LM1085 Datasheet HTML 15Page - Texas Instruments LM1085 Datasheet HTML 16Page - Texas Instruments LM1085 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
LM1085
www.ti.com
SNVS038G – JULY 1999 – REVISED MARCH 2013
Figure 28. Regulator with Reference
Figure 29. High Current Lamp Driver Protection
Figure 30. Battery Backup Regulated Supply
Figure 31. Ripple Rejection Enhancement
Figure 32. Automatic Light control
Figure 33. Generating Negative Supply voltage
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM1085



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com