Electronic Components Datasheet Search
  English  ▼

X  

LM1085 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM1085
Description  The LM1085 is a series of low dropout positive voltage regulators with a maximum dropout of 1.5V at 3A of load current.
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM1085 Datasheet(HTML) 1 Page - Texas Instruments

  LM1085 Datasheet HTML 1Page - Texas Instruments LM1085 Datasheet HTML 2Page - Texas Instruments LM1085 Datasheet HTML 3Page - Texas Instruments LM1085 Datasheet HTML 4Page - Texas Instruments LM1085 Datasheet HTML 5Page - Texas Instruments LM1085 Datasheet HTML 6Page - Texas Instruments LM1085 Datasheet HTML 7Page - Texas Instruments LM1085 Datasheet HTML 8Page - Texas Instruments LM1085 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LM1085
www.ti.com
SNVS038G – JULY 1999 – REVISED MARCH 2013
LM1085 3A Low Dropout Positive Regulators
Check for Samples: LM1085
1
FEATURES
DESCRIPTION
The LM1085 is a series of low dropout positive
2
•
Available in 3.3V, 5.0V, 12V and Adjustable
voltage regulators with a maximum dropout of 1.5V at
Versions
3A of load current. It has the same pin-out as TI's
•
Current Limiting and Thermal Protection
industry standard LM317.
•
Output Current 3A
The LM1085 is available in an adjustable version,
•
Line Regulation 0.015% (typical)
which can set the output voltage with only two
external resistors. It is also available in three fixed
•
Load Regulation 0.1% (typical)
voltages: 3.3V, 5.0V and 12.0V. The fixed versions
integrate the adjust resistors.
APPLICATIONS
The
LM1085
circuit
includes
a
zener
trimmed
•
High Efficiency Linear Regulators
bandgap reference, current limiting and thermal
•
Battery Charger
shutdown.
•
Post Regulation for Switching Supplies
The LM1085 series is available in TO-220 and
•
Constant Current Regulator
DDPAK/TO-263 packages. Refer to the LM1084 for
•
Microprocessor Supply
the 5A version, and the LM1086 for the 1.5A version.
Connection Diagram
Figure 1. TO-220 Top View
Figure 2. DDPAK/TO-263 Top View
Figure 3. Basic Functional Diagram, Adjustable
Figure 4. Application Circuit
Version
1.2V to 15V Adjustable Regulator
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM1085

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1085 NSC-LM1085 Datasheet
744Kb / 13P
3A Low Dropout Positive Regulators
logo
HTC Korea TAEJIN Techno...
LM1085 HTC-LM1085 Datasheet
311Kb / 8P
3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
List of Unclassifed Man...
LM1085 ETC2-LM1085 Datasheet
85Kb / 2P
3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
Texas Instruments
LM1085 TI1-LM1085 Datasheet
2Mb / 29P
3-A Low Dropout Positive Regulators
logo
Seme LAB
LM1085-05-220M SEME-LAB-LM1085-05-220M Datasheet
35Kb / 3P
LOW DROPOUT 3 AMP POSITIVE
More results

Similar Description - LM1085

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8587-XX MICROSEMI-LX8587-XX Datasheet
211Kb / 8P
3A LOW DROPOUT POSITIVE REGULATORS
logo
GTM CORPORATION
GL1147 GTM-GL1147 Datasheet
222Kb / 3P
a low dropout at positive fixed-mode regulator with minimum of 1A output current capability.
logo
Texas Instruments
LM1117-N TI-LM1117-N Datasheet
2Mb / 32P
The LM1117-N is a series of low dropout voltage regulators with a dropout of 1.2V at 800mA of load current.
LM1085IT-5.0 TI1-LM1085IT-5.0 Datasheet
2Mb / 22P
LM1085 3A Low Dropout Positive Regulators
logo
Advanced Power Electron...
APE8800 A-POWER-APE8800_14 Datasheet
126Kb / 8P
Low Dropout Voltage of 250mV at 300mA
APE8800A A-POWER-APE8800A_14 Datasheet
158Kb / 7P
Low Dropout Voltage of 250mV at 300mA
APE8805 A-POWER-APE8805_14 Datasheet
398Kb / 10P
Low Dropout Voltage of 600mV at 600mA
logo
International Rectifier
OM7764ASC IRF-OM7764ASC_15 Datasheet
168Kb / 5P
Dropout Voltage of 400mV at Full Load
OM7764ASM IRF-OM7764ASM_15 Datasheet
181Kb / 5P
Dropout Voltage of 400mV at Full Load
logo
Shenzhen Huazhimei Semi...
AMS1117B HMSEMI-AMS1117B Datasheet
947Kb / 9P
series of low dropout three-terminal regulators with a dropout of 1.3V at 1A load current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com