Electronic Components Datasheet Search
  English  ▼

X  

LM1085 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM1085
Description  The LM1085 is a series of low dropout positive voltage regulators with a maximum dropout of 1.5V at 3A of load current.
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM1085 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM1085 Datasheet HTML 8Page - Texas Instruments LM1085 Datasheet HTML 9Page - Texas Instruments LM1085 Datasheet HTML 10Page - Texas Instruments LM1085 Datasheet HTML 11Page - Texas Instruments LM1085 Datasheet HTML 12Page - Texas Instruments LM1085 Datasheet HTML 13Page - Texas Instruments LM1085 Datasheet HTML 14Page - Texas Instruments LM1085 Datasheet HTML 15Page - Texas Instruments LM1085 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
LM1085
SNVS038G – JULY 1999 – REVISED MARCH 2013
www.ti.com
For more information refer to : “Application Note 1520 A Guide to Board Layout for Best Thermal Resistance for
Exposed Packages”, TI Literature Number: SNVA183
It is important to remember that the TAB of the LM1085IS package is internally conntected to device pin 2
(OUTPUT), so the copper area connected to the TAB must be isolated from all other potentials, including ground.
The copper area connected to the TAB can be left floating, used as the primary VOUT connection, or connected to
device pin 2 (OUTPUT) .
Typical Applications
Figure 22. 5V to 3.3V, 1.5A Regulator
Figure 23. Adjustable @ 5V
Figure 24. 1.2V to 15V Adjustable Regulator
Figure 25. 5V Regulator with Shutdown
Figure 26. Battery Charger
Figure 27. Adjustable Fixed Regulator
12
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM1085



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com