Electronic Components Datasheet Search
  English  ▼

X  

LM2830 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM2830
Description  LM2830Z-Q1 and LM2830X-Q1 in the SOT-23 Package are Automotive Grade Products that are AEC-Q100 Grade 1 Qualified (-40째C to 125째C Operating Junction Temperature)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2830 Datasheet(HTML) 4 Page - Texas Instruments

  LM2830 Datasheet HTML 1Page - Texas Instruments LM2830 Datasheet HTML 2Page - Texas Instruments LM2830 Datasheet HTML 3Page - Texas Instruments LM2830 Datasheet HTML 4Page - Texas Instruments LM2830 Datasheet HTML 5Page - Texas Instruments LM2830 Datasheet HTML 6Page - Texas Instruments LM2830 Datasheet HTML 7Page - Texas Instruments LM2830 Datasheet HTML 8Page - Texas Instruments LM2830 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
LM2830
SNVS454D – AUGUST 2006 – REVISED APRIL 2013
www.ti.com
Electrical Characteristics
VIN = 5V unless otherwise indicated under the Conditions column. Limits in standard type are for TJ = 25°C only; limits in
boldface type apply over the junction temperature (TJ) range of -40°C to +125°C. Minimum and Maximum limits are ensured
through test, design, or statistical correlation. Typical values represent the most likely parametric norm at TJ = 25°C, and are
provided for reference purposes only.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VFB
Feedback Voltage
WSON and SOT-23 Package
0.588
0.600
0.612
V
ΔVFB/VIN
Feedback Voltage Line Regulation
VIN = 3V to 5V
0.02
%/V
IB
Feedback Input Bias Current
0.1
100
nA
VIN Rising
2.73
2.90
V
Undervoltage Lockout
UVLO
VIN Falling
1.85
2.3
UVLO Hysteresis
0.43
V
LM2830-X
1.2
1.6
1.95
FSW
Switching Frequency
MHz
LM2830-Z
2.25
3.0
3.75
LM2830-X
86
94
DMAX
Maximum Duty Cycle
%
LM2830-Z
82
90
LM2830-X
5
DMIN
Minimum Duty Cycle
%
LM2830-Z
7
WSON Package
150
RDS(ON)
Switch On Resistance
m
Ω
SOT-23 Package
130
195
ICL
Switch Current Limit
VIN = 3.3V
1.2
1.75
A
Shutdown Threshold Voltage
0.4
VEN_TH
V
Enable Threshold Voltage
1.8
ISW
Switch Leakage
100
nA
IEN
Enable Pin Current
Sink/Source
100
nA
LM2830X VFB = 0.55
3.3
5
mA
Quiescent Current (switching)
IQ
LM2830Z VFB = 0.55
4.3
6.5
mA
Quiescent Current (shutdown)
All Options VEN = 0V
30
nA
WSON Package
80
Junction to Ambient
θJA
°C/W
0 LFPM Air Flow(1)
SOT-23 Package
118
WSON Package
18
θJC
Junction to Case(1)
°C/W
SOT-23 Package
80
TSD
Thermal Shutdown Temperature
165
°C
(1)
Applies for packages soldered directly onto a 3” x 3” PC board with 2oz. copper on 4 layers in still air.
4
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM2830



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com