Electronic Components Datasheet Search
  English  ▼

X  

LM2830 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM2830
Description  LM2830Z-Q1 and LM2830X-Q1 in the SOT-23 Package are Automotive Grade Products that are AEC-Q100 Grade 1 Qualified (-40째C to 125째C Operating Junction Temperature)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2830 Datasheet(HTML) 1 Page - Texas Instruments

  LM2830 Datasheet HTML 1Page - Texas Instruments LM2830 Datasheet HTML 2Page - Texas Instruments LM2830 Datasheet HTML 3Page - Texas Instruments LM2830 Datasheet HTML 4Page - Texas Instruments LM2830 Datasheet HTML 5Page - Texas Instruments LM2830 Datasheet HTML 6Page - Texas Instruments LM2830 Datasheet HTML 7Page - Texas Instruments LM2830 Datasheet HTML 8Page - Texas Instruments LM2830 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
LM2830
www.ti.com
SNVS454D – AUGUST 2006 – REVISED APRIL 2013
LM2830 High Frequency 1.0A Load - Step-Down DC-DC Regulator
Check for Samples: LM2830
1
FEATURES
DESCRIPTION
The LM2830 regulator is a monolithic, high frequency,
2
•
LM2830Z-Q1 and LM2830X-Q1 in the SOT-23
PWM step-down DC/DC converter in a 5 pin SOT-23
Package are Automotive Grade Products that
and a 6 Pin WSON package. It provides all the active
are AEC-Q100 Grade 1 Qualified (-40°C to
functions to provide local DC/DC conversion with fast
+125°C Operating Junction Temperature)
transient response and accurate regulation in the
•
Space Saving SOT-23 Package
smallest possible PCB area. With a minimum of
external components, the LM2830 is easy to use. The
•
Input Voltage Range of 3.0V to 5.5V
ability to drive 1.0A loads with an internal 130 m
Ω
•
Output Voltage Range of 0.6V to 4.5V
PMOS switch using state-of-the-art 0.5 µm BiCMOS
•
1.0A Output Current
technology
results
in
the
best
power
density
available. The world-class control circuitry allows on-
•
High Switching Frequencies
times as low as 30ns, thus supporting exceptionally
–
1.6MHz (LM2830X)
high frequency conversion over the entire 3V to 5.5V
–
3.0MHz (LM2830Z)
input operating range down to the minimum output
•
130m
Ω PMOS Switch
voltage of 0.6V. Switching frequency is internally set
to 1.6 MHz, or 3.0 MHz, allowing the use of extremely
•
0.6V, 2% Internal Voltage Reference
small surface mount inductors and chip capacitors.
•
Internal Soft-Start
Even
though
the
operating
frequency
is
high,
•
Current Mode, PWM Operation
efficiencies up to 93% are easy to achieve. External
shutdown is included, featuring an ultra-low stand-by
•
Thermal Shutdown
current of 30 nA. The LM2830 utilizes current-mode
•
Over Voltage Protection
control and internal compensation to provide high-
performance
regulation
over
a
wide
range
of
APPLICATIONS
operating
conditions.
Additional
features
include
internal soft-start circuitry to reduce inrush current,
•
Local 5V to Vcore Step-Down Converters
pulse-by-pulse current limit, thermal shutdown, and
•
Core Power in HDDs
output over-voltage protection.
•
Set-Top Boxes
•
USB Powered Devices
•
DSL Modems
•
Automotive
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM2830

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2830 NSC-LM2830 Datasheet
860Kb / 24P
High Frequency 1.0A Load - Step-Down DC-DC Regulator
logo
Texas Instruments
LM2830 TI-LM2830 Datasheet
1Mb / 37P
LM2830/-Q1 High-Frequency 1.0-A Load Step-Down DC-DC Regulator
LM2830 TI2-LM2830 Datasheet
1Mb / 38P
LM2830/-Q1 High-Frequency 1.0-A Load Step-Down DC-DC Regulator
REVISED DECEMBER 2014
LM2830-Q1 TI-LM2830-Q1 Datasheet
1Mb / 37P
LM2830/-Q1 High-Frequency 1.0-A Load Step-Down DC-DC Regulator
LM2830-Q1 TI2-LM2830-Q1 Datasheet
1Mb / 38P
LM2830/-Q1 High-Frequency 1.0-A Load Step-Down DC-DC Regulator
REVISED DECEMBER 2014
More results

Similar Description - LM2830

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5574 TI-LM5574 Datasheet
930Kb / 28P
LM5574-Q1 is an Automotive Grade Product that is AEC-Q100 Grade 1 Qualified (??0째C to 125째C Operating Junction Temperature)
LMV321M5-NOPB TI-LMV321M5-NOPB Datasheet
2Mb / 44P
LMV321-N, LMV358-N, and LMV324-N are available in Automotive AEC-Q100 Grade 1 & 3 versions
logo
Broadcom Corporation.
ACPL-K71T BOARDCOM-ACPL-K71T Datasheet
870Kb / 16P
Qualified to AEC-Q100 Grade 1 Test Guidelines
logo
AVAGO TECHNOLOGIES LIMI...
ACFL-5211T AVAGO-ACFL-5211T Datasheet
312Kb / 12P
Qualified to AEC Q100 Grade 1 Guidelines
ACFL-5212T AVAGO-ACFL-5212T Datasheet
343Kb / 12P
Qualified to AEC Q100 Grade 1 Guidelines
logo
Allegro MicroSystems
A4411 ALLEGRO-A4411 Datasheet
1Mb / 45P
Automotive AEC-Q100 qualified
A8585 ALLEGRO-A8585 Datasheet
3Mb / 35P
Automotive AEC-Q100 qualified
logo
Broadcom Corporation.
ACPL-31JT BOARDCOM-ACPL-31JT Datasheet
1Mb / 23P
Qualified to AEC-Q100 Grade 1 test guidelines
logo
Monolithic Power System...
MPQ8904-AEC1 MPS-MPQ8904-AEC1 Datasheet
879Kb / 12P
Industrial/Automotive-Grade 500mA Linear Regulator AEC-Q100 Qualified
logo
Broadcom Corporation.
ACFL-6211T BOARDCOM-ACFL-6211T Datasheet
477Kb / 13P
Qualified to AEC Q100 Grade 1 Test Guidelines
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com