Electronic Components Datasheet Search
  English  ▼

X  

LM2830 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LM2830
Description  LM2830Z-Q1 and LM2830X-Q1 in the SOT-23 Package are Automotive Grade Products that are AEC-Q100 Grade 1 Qualified (-40째C to 125째C Operating Junction Temperature)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2830 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM2830 Datasheet HTML 15Page - Texas Instruments LM2830 Datasheet HTML 16Page - Texas Instruments LM2830 Datasheet HTML 17Page - Texas Instruments LM2830 Datasheet HTML 18Page - Texas Instruments LM2830 Datasheet HTML 19Page - Texas Instruments LM2830 Datasheet HTML 20Page - Texas Instruments LM2830 Datasheet HTML 21Page - Texas Instruments LM2830 Datasheet HTML 22Page - Texas Instruments LM2830 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
GND
FB
EN
VIN
SW
VIN = 5V
C1
R3
D1
L1
LM2830
R2
R1
C2
VO = 3.3V @ 1.0A
LM2830
www.ti.com
SNVS454D – AUGUST 2006 – REVISED APRIL 2013
LM2830X Design Example 3
Figure 27. LM2830X (1.6MHz): Vin = 5V, Vo = 3.3V @ 1.0A
Table 4. Bill of Materials
Part ID
Part Value
Manufacturer
Part Number
U1
1.0A Buck Regulator
TI
LM2830X
C1, Input Cap
22µF, 6.3V, X5R
TDK
C3216X5ROJ226M
C2, Output Cap
22µF, 6.3V, X5R
TDK
C3216X5ROJ226M
D1, Catch Diode
0.3Vf Schottky 1.5A, 30VR
TOSHIBA
CRS08
L1
2.2µH, 1.8A
Coilcraft
ME3220-222
R2
10.0k
Ω, 1%
Vishay
CRCW08051002F
R1
45.3k
Ω, 1%
Vishay
CRCW08054532F
R3
100k
Ω, 1%
Vishay
CRCW08051003F
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM2830



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com