Electronic Components Datasheet Search
  English  ▼

X  

LM2830 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM2830
Description  LM2830Z-Q1 and LM2830X-Q1 in the SOT-23 Package are Automotive Grade Products that are AEC-Q100 Grade 1 Qualified (-40째C to 125째C Operating Junction Temperature)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2830 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM2830 Datasheet HTML 5Page - Texas Instruments LM2830 Datasheet HTML 6Page - Texas Instruments LM2830 Datasheet HTML 7Page - Texas Instruments LM2830 Datasheet HTML 8Page - Texas Instruments LM2830 Datasheet HTML 9Page - Texas Instruments LM2830 Datasheet HTML 10Page - Texas Instruments LM2830 Datasheet HTML 11Page - Texas Instruments LM2830 Datasheet HTML 12Page - Texas Instruments LM2830 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
0
0
VIN
VD
TON
t
t
Inductor
Current
D = TON/TSW
VSW
TOFF
TSW
IL
IPK
SW
Voltage
LM2830
www.ti.com
SNVS454D – AUGUST 2006 – REVISED APRIL 2013
APPLICATIONS INFORMATION
THEORY OF OPERATION
The LM2830 is a constant frequency PWM buck regulator IC that delivers a 1.0A load current. The regulator has
a preset switching frequency of 1.6MHz or 3.0MHz. This high frequency allows the LM2830 to operate with small
surface mount capacitors and inductors, resulting in a DC/DC converter that requires a minimum amount of
board space. The LM2830 is internally compensated, so it is simple to use and requires few external
components. The LM2830 uses current-mode control to regulate the output voltage. The following operating
description of the LM2830 will refer to the Simplified Block Diagram (Figure 20) and to the waveforms in
Figure 21. The LM2830 supplies a regulated output voltage by switching the internal PMOS control switch at
constant frequency and variable duty cycle. A switching cycle begins at the falling edge of the reset pulse
generated by the internal oscillator. When this pulse goes low, the output control logic turns on the internal
PMOS control switch. During this on-time, the SW pin voltage (VSW) swings up to approximately VIN, and the
inductor current (IL) increases with a linear slope. IL is measured by the current sense amplifier, which generates
an output proportional to the switch current. The sense signal is summed with the regulator’s corrective ramp and
compared to the error amplifier’s output, which is proportional to the difference between the feedback voltage
and VREF. When the PWM comparator output goes high, the output switch turns off until the next switching cycle
begins. During the switch off-time, inductor current discharges through the Schottky catch diode, which forces the
SW pin to swing below ground by the forward voltage (VD) of the Schottky catch diode. The regulator loop
adjusts the duty cycle (D) to maintain a constant output voltage.
Figure 21. Typical Waveforms
SOFT-START
This function forces VOUT to increase at a controlled rate during start up. During soft-start, the error amplifier’s
reference voltage ramps from 0V to its nominal value of 0.6V in approximately 600 µs. This forces the regulator
output to ramp up in a controlled fashion, which helps reduce inrush current.
OUTPUT OVERVOLTAGE PROTECTION
The over-voltage comparator compares the FB pin voltage to a voltage that is 15% higher than the internal
reference VREF. Once the FB pin voltage goes 15% above the internal reference, the internal PMOS control
switch is turned off, which allows the output voltage to decrease toward regulation.
UNDERVOLTAGE LOCKOUT
Under-voltage lockout (UVLO) prevents the LM2830 from operating until the input voltage exceeds 2.73V (typ).
The UVLO threshold has approximately 430 mV of hysteresis, so the part will operate until VIN drops below 2.3V
(typ). Hysteresis prevents the part from turning off during power up if VIN is non-monotonic.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM2830



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com