Electronic Components Datasheet Search
  English  ▼

X  

LMV112 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMV112
Description  Small Signal Bandwidth 40 MHz, Supply Voltage Range 2.4V to 5V
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV112 Datasheet(HTML) 4 Page - Texas Instruments

  LMV112 Datasheet HTML 1Page - Texas Instruments LMV112 Datasheet HTML 2Page - Texas Instruments LMV112 Datasheet HTML 3Page - Texas Instruments LMV112 Datasheet HTML 4Page - Texas Instruments LMV112 Datasheet HTML 5Page - Texas Instruments LMV112 Datasheet HTML 6Page - Texas Instruments LMV112 Datasheet HTML 7Page - Texas Instruments LMV112 Datasheet HTML 8Page - Texas Instruments LMV112 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LMV112
SNAS297B – MAY 2005 – REVISED MAY 2013
www.ti.com
2.7V ELECTRICAL CHARACTERISTICS (continued)
Unless otherwise specified, all limits are specified for TJ = 25°C, VDD = 2.7V, VSS = 0V, VCM = 1V, Enable1,2 = VDD, CL = 20 pF,
RL = 30 kΩ, CCOUPLING = 1 nF. Boldface limits apply at temperature range extremes of operating condition. See
(1).
Symbol
Parameter
Conditions
Min(2)
Typ(3)
Max(2)
Units
ISC
Output Short-Circuit Current (6)
Sourcing
−18
−27
−13
mA
Sinking
20
30
16
Ven_hmin
Enable High Active Minimum Voltage
1.2
V
Ven_lmax
Enable Low Inactive Maximum Voltage
0.6
(6)
Short-Circuit test is a momentary test. Continuous short circuit operation at elevated ambient temperature can result in exceeding the
maximum allowed junction temperature of 150°C.
5V ELECTRICAL CHARACTERISTICS
Unless otherwise specified, all limits are specified for TJ = 25°C, VDD = 5V, VSS = 0V, VCM = 1V, Enable1,2 = VDD, CL = 20 pF,
RL = 30 kΩ, CCOUPLING = 1 nF. Boldface limits apply at temperature range extremes of operating condition. See
(1).
Symbol
Parameter
Conditions
Min(2)
Typ(3)
Max(2)
Units
Frequency Domain Response
SSBW
Small Signal Bandwidth
VIN = 0.63 VPP; −3 dB
42
MHz
FPBW
Full Power Bandwidth
VIN = 1.6 VPP; −3 dB
31
MHz
GFN
Gain Flatness < 0.1 dB
f > 100 kHz
4.9
MHz
Distortion and Noise Performance
en
Input-Referred Voltage Noise
f = 1 MHz
27
nV/
√Hz
ISOLATION
Output to Input
f = 1 MHz
90
dB
CT
Crosstalk Rejection
f = 26 MHz, PIN = 0 dBm
61
dB
Time Domain Response
tr
Rise Time
0.1 VPP Step (10-90%), f = 1 MHz
7
ns
tf
Fall Time
6
ns
ts
Settling Time to 0.1%
1 VPP Step, f = 1 MHz
80
ns
OS
Overshoot
0.1VPP Step, f = 1 MHz
20
%
SR
Slew Rate (4)
VIN = 1.6 VPP, f = 26 MHz
120
V/µs
Static DC Performance
IS
Supply Current
Enable1,2 = VDD ; No Load
3.5
2.5
mA
3.8
Enable1,2 = VSS ; No Load
80
62
μA
89
PSRR
Power Supply Rejection Ratio
DC (3.0V to 5.0V)
58
68
dB
57
ACL
Small Signal Voltage Gain
VOUT = 0.1 VPP
0.99
1.01
1.00
V/V
0.97
1.03
VOS
Output Offset Voltage
16
1.3
mV
17
TC VOS
Temperature Coefficient Output Offset
3
µV/°C
Voltage (5)
ROUT
Output Resistance
f = 100 kHz
0.5
Ω
f = 26 MHz
118
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA .
(2)
All limits are specified by testing or statistical analysis.
(3)
Typical Values represent the most likely parametric norm.
(4)
Slew rate is the average of the positive and negative slew rate.
(5)
Average Temperature Coefficient is determined by dividing the changing in a parameter at temperature extremes by the total
temperature change.
4
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LMV112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com