Electronic Components Datasheet Search
  English  ▼

X  

LMV112 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LMV112
Description  Small Signal Bandwidth 40 MHz, Supply Voltage Range 2.4V to 5V
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV112 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LMV112 Datasheet HTML 14Page - Texas Instruments LMV112 Datasheet HTML 15Page - Texas Instruments LMV112 Datasheet HTML 16Page - Texas Instruments LMV112 Datasheet HTML 17Page - Texas Instruments LMV112 Datasheet HTML 18Page - Texas Instruments LMV112 Datasheet HTML 19Page - Texas Instruments LMV112 Datasheet HTML 20Page - Texas Instruments LMV112 Datasheet HTML 21Page - Texas Instruments LMV112 Datasheet HTML 22Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LMV112SD
WSON
NGQ
8
1000
178.0
12.4
3.3
3.3
1.0
8.0
12.0
Q1
LMV112SD/NOPB
WSON
NGQ
8
1000
178.0
12.4
3.3
3.3
1.0
8.0
12.0
Q1
LMV112SDX
WSON
NGQ
8
4500
330.0
12.4
3.3
3.3
1.0
8.0
12.0
Q1
LMV112SDX/NOPB
WSON
NGQ
8
4500
330.0
12.4
3.3
3.3
1.0
8.0
12.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
8-May-2013
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com