Electronic Components Datasheet Search
  English  ▼

X  

LMV112 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LMV112
Description  Small Signal Bandwidth 40 MHz, Supply Voltage Range 2.4V to 5V
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV112 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMV112 Datasheet HTML 9Page - Texas Instruments LMV112 Datasheet HTML 10Page - Texas Instruments LMV112 Datasheet HTML 11Page - Texas Instruments LMV112 Datasheet HTML 12Page - Texas Instruments LMV112 Datasheet HTML 13Page - Texas Instruments LMV112 Datasheet HTML 14Page - Texas Instruments LMV112 Datasheet HTML 15Page - Texas Instruments LMV112 Datasheet HTML 16Page - Texas Instruments LMV112 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
VDD
IN
ENABLE
OUT
VSS
OSC
1V
C1
LMV112
www.ti.com
SNAS297B – MAY 2005 – REVISED MAY 2013
APPLICATION INFORMATION
GENERAL
The LMV112 is designed to minimize the effects of spurious signals from the base band chip to the oscillator.
Also the influence of varying load resistance and capacitance to the oscillator is minimized, while the drive
capability is increased.
The inputs of the LMV112 are internally biased at 1V, making AC coupling possible without external bias
resistors.
To optimize current consumption, the buffer not in use can be disabled by connecting the enable pin to VSS.
The LMV112 has no internal ground reference; therefore, either single or split supply configurations can be used.
The LMV112 is an easy replacement for discrete circuitry. It simplifies board layout and minimizes the effect of
layout related parasitic components.
INPUT CONFIGURATION
AC coupling is made possible by biasing the input. A large DC load at the oscillator input could change the load
impedance and therefore it’s oscillating frequency. To avoid external resistors the inputs are internally biased.
This biasing is set at 1V as depicted in Figure 36. Because this biasing is set at 1V, the maximum amplitude of
the AC signal is 2 VPP.
The coupling capacitance should be large enough to let the AC signal pass. This is a unity gain buffer with rail-
to-rail inputs and outputs.
Figure 36. Input Configuration
FREQUENCY PULLING
Frequency pulling is the frequency variation of an oscillator caused by a varying load. In the typical application,
the load of the oscillator is a fixed capacitor (C1) and the input impedance of the buffer.
To keep the input impedance as constant as possible, the input is biased at 1V, even when the part is disabled.
A simplified schematic of the input configuration is shown in Figure 36.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMV112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com