Electronic Components Datasheet Search
  English  ▼

X  

LMV112 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMV112
Description  Small Signal Bandwidth 40 MHz, Supply Voltage Range 2.4V to 5V
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV112 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMV112 Datasheet HTML 5Page - Texas Instruments LMV112 Datasheet HTML 6Page - Texas Instruments LMV112 Datasheet HTML 7Page - Texas Instruments LMV112 Datasheet HTML 8Page - Texas Instruments LMV112 Datasheet HTML 9Page - Texas Instruments LMV112 Datasheet HTML 10Page - Texas Instruments LMV112 Datasheet HTML 11Page - Texas Instruments LMV112 Datasheet HTML 12Page - Texas Instruments LMV112 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
LMV112
www.ti.com
SNAS297B – MAY 2005 – REVISED MAY 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
TJ = 25°C, VDD = 2.7V, VSS = 0V, Enable1,2 = VDD, CL = 20 pF, RL = 30 kΩ and CCOUPLING = 1 nF, unless otherwise specified.
Transient Response Negative
Small Signal Pulse Response
Figure 16.
Figure 17.
Small Signal Pulse Response
Large Signal Pulse Response
Figure 18.
Figure 19.
Large Signal Pulse Response
ISUPPLY vs. VSUPPLY
Figure 20.
Figure 21.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMV112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com