Electronic Components Datasheet Search
  English  ▼

X  

LMV112 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LMV112
Description  Small Signal Bandwidth 40 MHz, Supply Voltage Range 2.4V to 5V
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV112 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMV112 Datasheet HTML 7Page - Texas Instruments LMV112 Datasheet HTML 8Page - Texas Instruments LMV112 Datasheet HTML 9Page - Texas Instruments LMV112 Datasheet HTML 10Page - Texas Instruments LMV112 Datasheet HTML 11Page - Texas Instruments LMV112 Datasheet HTML 12Page - Texas Instruments LMV112 Datasheet HTML 13Page - Texas Instruments LMV112 Datasheet HTML 14Page - Texas Instruments LMV112 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
LMV112
www.ti.com
SNAS297B – MAY 2005 – REVISED MAY 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
TJ = 25°C, VDD = 2.7V, VSS = 0V, Enable1,2 = VDD, CL = 20 pF, RL = 30 kΩ and CCOUPLING = 1 nF, unless otherwise specified.
VOUT vs. IOUT (Sourcing)
VOUT vs. IOUT (Sourcing)
Figure 28.
Figure 29.
VOUT vs. IOUT (Sinking)
VOUT vs. IOUT (Sinking)
Figure 30.
Figure 31.
ISC Sourcing vs. VSUPPLY over Temperature
ISC Sinking vs. VSUPPLY over Temperature
Figure 32.
Figure 33.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMV112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com