Electronic Components Datasheet Search
  English  ▼

X  

CLD-AP72 Datasheet(PDF) 3 Page - Cree, Inc

Part # CLD-AP72
Description  Cree® XLamp® A19 Reference Overview
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLD-AP72 Datasheet(HTML) 3 Page - Cree, Inc

  CLD-AP72 Datasheet HTML 1Page - Cree, Inc CLD-AP72 Datasheet HTML 2Page - Cree, Inc CLD-AP72 Datasheet HTML 3Page - Cree, Inc CLD-AP72 Datasheet HTML 4Page - Cree, Inc CLD-AP72 Datasheet HTML 5Page - Cree, Inc CLD-AP72 Datasheet HTML 6Page - Cree, Inc CLD-AP72 Datasheet HTML 7Page - Cree, Inc CLD-AP72 Datasheet HTML 8Page - Cree, Inc CLD-AP72 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
XLamp a19 RefeRence Design
Copyright © 2011-2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered
trademarks of Cree, Inc. For product specifications, please see the data sheets available at www.cree.com. For warranty information, please contact Cree Sales at sales@cree.com.
figure 1: Omnidirectional bubls from ge, Lsg and phillips3
The following table summarizes requirements to be met to be eligible to qualify for the energy Star® program.
Characteristic
Requirement
ccT
The lamp must have one of the following designated ccTs (per aNSI c78.377-2008)
consistent with the 7-step chromaticity quadrangles below.
2700 K
3000 K
3500 K
4000 K
color maintenance
The change of chromaticity over the first 6,000 hours of luminaire operation shall be
within 0.007 on the cIe 1976 (u’, v’) diagram.
crI
minimum crI (ra) of 80. r9 value must be greater than 0.
Dimming
lamps may be dimmable or non-dimmable. product packaging must clearly indicate
whether the lamp is dimmable or not dimmable. manufacturers qualifying dimmable
products must maintain a web page providing dimmer compatibility information.
warranty
3-year warranty for luminaires with replaceable drivers.
allowable lamp Bases
must be a lamp base listed by aNSI.
power Factor (pF)
lamp power < 5 w and low voltage lamps: no minimum pF
lamp power > 5 w: pF > 0.7
minimum operating Temperature
-20°c or below
leD operating Frequency
LED operating frequency ≥ 120 Hz
Note: This performance characteristic addresses problems with visible flicker due to low
frequency operation and applies to steady-state as well as dimmed operation.
Dimming operation shall meet the requirement at all light output levels.
3
The illustration shows the GE Energy Smart LED Bulb, a 40-W equivalent LSG Definity A19 bulb and the Phillips Endura bulb.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com