Electronic Components Datasheet Search
  English  ▼

X  

CLD-AP72 Datasheet(PDF) 4 Page - Cree, Inc

Part # CLD-AP72
Description  Cree® XLamp® A19 Reference Overview
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLD-AP72 Datasheet(HTML) 4 Page - Cree, Inc

  CLD-AP72 Datasheet HTML 1Page - Cree, Inc CLD-AP72 Datasheet HTML 2Page - Cree, Inc CLD-AP72 Datasheet HTML 3Page - Cree, Inc CLD-AP72 Datasheet HTML 4Page - Cree, Inc CLD-AP72 Datasheet HTML 5Page - Cree, Inc CLD-AP72 Datasheet HTML 6Page - Cree, Inc CLD-AP72 Datasheet HTML 7Page - Cree, Inc CLD-AP72 Datasheet HTML 8Page - Cree, Inc CLD-AP72 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
XLamp a19 RefeRence Design
Copyright © 2011-2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered
trademarks of Cree, Inc. For product specifications, please see the data sheets available at www.cree.com. For warranty information, please contact Cree Sales at sales@cree.com.
Characteristic
Requirement
electromagnetic and radio Frequency
Interference
must meet appropriate Fcc requirements for consumer use (Fcc 47 cFr part 15)
audible Noise
class a sound rating
Transient protection
power supply shall comply with Ieee c62.41-1991, class a operation. The line transient
shall consist of seven strikes of a 100 kHz ring wave, 2.5 kv level, for both common mode
and differential mode.
operating voltage
lamp shall operate at rated nominal voltage of 120, 240 or 277 vac, or at 12 or 24 vac
or vDc.
table 1: energy star requirements for all integral Led lamps
This table summarizes the energy Star requirements for non-standard leD lamps.
Characteristic
Requirement
Minimum luminous efficacy
leD lamp power < 10 w: 50 lm/w
leD lamp power > 10 w: 55 lm/w
minimum light output
200 lumens
luminous intensity distribution
No specific distribution is required. Must submit goniophotometry report showing luminous
intensity distribution produced by the lamp.
lumen maintenance
l70 > 25,000 hours
rapid-cycle stress test
cycle times must be 2 minutes on, 2 minutes off. lamp will be cycled once for every 2
hours of required minimum l
70 life.
table 2:energy star requirements for non-standard Led lamps
The following table summarizes the energy Star requirements for omnidirectional lamps.
Characteristic
Requirement
Minimum luminous efficacy
leD lamp power < 10 w: 50 lm/w
leD lamp power > 10 w: 55 lm/w
minimum light output
200 lumens
Nominal wattage of lamp to be replaced
(watts)
25
35
40
60
75
100
125
150
minimum initial light output of leD lamp
(lumens)
200
325
450
800
1100
1600
2000
2600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com