Electronic Components Datasheet Search
  English  ▼

X  

CLD-AP72 Datasheet(PDF) 7 Page - Cree, Inc

Part # CLD-AP72
Description  Cree® XLamp® A19 Reference Overview
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLD-AP72 Datasheet(HTML) 7 Page - Cree, Inc

Back Button CLD-AP72 Datasheet HTML 3Page - Cree, Inc CLD-AP72 Datasheet HTML 4Page - Cree, Inc CLD-AP72 Datasheet HTML 5Page - Cree, Inc CLD-AP72 Datasheet HTML 6Page - Cree, Inc CLD-AP72 Datasheet HTML 7Page - Cree, Inc CLD-AP72 Datasheet HTML 8Page - Cree, Inc CLD-AP72 Datasheet HTML 9Page - Cree, Inc CLD-AP72 Datasheet HTML 10Page - Cree, Inc CLD-AP72 Datasheet HTML 11Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
XLamp a19 RefeRence Design
Copyright © 2011-2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered
trademarks of Cree, Inc. For product specifications, please see the data sheets available at www.cree.com. For warranty information, please contact Cree Sales at sales@cree.com.
The table below summarizes characteristics and goals from several bulb designs we review in this application note. all
these designs use hemispheric distribution and are considered non-standard leD lamps in the energy Star vernacular.
Characteristic
unit
40-W-equivalent
“Value” bulb
60-W-equivalent
performance bulb
luminaire light output
lm
450
800
power
w
<10
<13
Efficacy
lm/w
>50
65
lifetime
Hours
25,000
ccT
°K
3,000
3,000
crI
80
80
table 5: general A19 system goals
estimAte effiCienCies Of the OptiCAL, theRmAL & eLeCtRiCAL systems
This section is an estimation exercise and discussion for a variety of LED configurations
using cree’s product characterization Tool or pcT.4 The pcT is tool that models basic leD
and system performance to develop initial approaches for system design.
In all the cases we review here, we are assuming a 15% loss in the diffusing structures of
the leD bulbs. This is a representative loss for the cast-plastic diffusive domes.
For a 40-w-equivalent leD bulb we have set up the pcT to compare system estimation
information for three leDs, the Xlamp mX-6S, mX-6 and Xp-e Hew. The settings of the pcT
are to deliver 450 lumens with an 85%-efficient optical system and an 87%-efficient driver
system. we also assume we have a heat sink that allows the system to maintain a 55°
solder-point temperature.
We have configured the PCT display to focus on system-wide information, looking at the
number LEDs required, lumens delivered, system wattage and efficacy.
4
pct.cree.com
XLamp Xp-e heW Led
XLamp mX-6 Led



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com