Electronic Components Datasheet Search
  English  ▼

X  

CLD-AP72 Datasheet(PDF) 8 Page - Cree, Inc

Part # CLD-AP72
Description  Cree® XLamp® A19 Reference Overview
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLD-AP72 Datasheet(HTML) 8 Page - Cree, Inc

Back Button CLD-AP72 Datasheet HTML 4Page - Cree, Inc CLD-AP72 Datasheet HTML 5Page - Cree, Inc CLD-AP72 Datasheet HTML 6Page - Cree, Inc CLD-AP72 Datasheet HTML 7Page - Cree, Inc CLD-AP72 Datasheet HTML 8Page - Cree, Inc CLD-AP72 Datasheet HTML 9Page - Cree, Inc CLD-AP72 Datasheet HTML 10Page - Cree, Inc CLD-AP72 Datasheet HTML 11Page - Cree, Inc CLD-AP72 Datasheet HTML 12Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
XLamp a19 RefeRence Design
Copyright © 2011-2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered
trademarks of Cree, Inc. For product specifications, please see the data sheets available at www.cree.com. For warranty information, please contact Cree Sales at sales@cree.com.
figure 3: product Characterization tool analysis of a 450-lumen A19 bulb
This analysis shows us many approaches to delivering a 40-w-equivalent value bulb. In considering drive current and
number of leDs, at one end of the spectrum the four mX-6S leDs can present an 85-v, 100-ma load, consume just
under 10 watts of power and deliver just under 50-lm/W efficacy. Six MX-6 LEDs driven at 350 mA deliver over 63 lm/W
while using under 8 watts of power. Four XP-E HEW LEDs, in the R2 flux bin, can deliver equivalent flux at an improved
efficacy of just over 70 lm/W using 6.9 W of power.
The case for using mX-6S leDs is particularly interesting and not well represented in Figure 3 because the high-
voltage LEDs have the potential to allow for higher-efficiency device drivers. In an article in the April 2011 issue of
LEDs Magazine, matt reynolds of National Semiconductor shows through a simple and elegant analysis that the use of
high-voltage leDs allows for lower operating temperatures of supporting driver electronics — capacitors, inductors and
diodes.5 The implication of his analysis includes the potential for drivers that are both more reliable (cooler operating
temperatures for capacitors, for example) and more efficient. In our PCT analysis, an increase of 6% efficiency in drive
electronics, from 87% to 93%, delivers an almost 7% improvement in efficacy.
5
Reynolds, Matthew, “High LED Drive Currents with Low Stack Voltages Creat Efficiency Challenges,” LEDs Magazine, February,
2011, pp 53-59.
Figure 3
Compare:
11
13
12
15
2
System:
450
85%
87%
Model
15
Model
14
Model
21
Flux
3
100.0
Flux
6
93.9
Flux
7
114.0
Price
-
$
2.0
55
Price
-
$
2.0
55
Price
-
$
2.0
55
1
1
1
SYS # LEDSYS lm tot SYS W SYS lm/W
SYS # LEDSYS lm tot SYS W SYS lm/W
SYS # LEDSYS lm tot SYS W SYS lm/W
0.100
4
466
9.61
48.5
17
450.5
5.47
82.4
17
477.7
5.28
90.5
0.110
4
500
10.76
46.5
16
464
5.7
81.4
15
460.5
5.17
89.1
0.120
4
532.8
11.91
44.7
15
471
5.86
80.4
14
466.2
5.31
87.8
0.130
4
563.2
13.06
43.1
14
473.2
5.95
79.5
13
466.7
5.23
89.2
0.140
4
591.2
14.25
41.5
13
470.6
6.13
76.8
12
460.8
5.24
87.9
0.150
3
463.2
11.55
40.1
12
463.2
6.07
76.3
11
451
5.18
87.1
0.160
3
481.8
12.45
38.7
11
451
5.94
75.9
11
478.5
5.56
86.1
0.170
3
498.6
13.31
37.5
11
477.4
6.32
75.5
10
461
5.4
85.4
…
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
0.300
#N/A
#N/A
#N/A
#N/A
7
506.8
7.64
66.3
6
464.4
5.93
78.3
0.350
#N/A
#N/A
#N/A
#N/A
6
497.4
7.86
63.3
6
532.2
6.97
76.4
0.400
#N/A
#N/A
#N/A
#N/A
5
464
7.7
60.3
5
498
6.72
74.1
0.450
#N/A
#N/A
#N/A
#N/A
5
512
8.79
58.2
5
551
7.64
72.1
0.500
#N/A
#N/A
#N/A
#N/A
5
557.5
10
55.8
4
481.6
6.85
70.3
0.550
#N/A
#N/A
#N/A
#N/A
4
481.2
8.97
53.6
4
520.8
7.63
68.3
0.600
#N/A
#N/A
#N/A
#N/A
4
514.4
9.93
51.8
4
558.8
8.37
66.8
0.650
#N/A
#N/A
#N/A
#N/A
4
546
10.94
49.9
4
594.8
9.1
65.4
0.700
#N/A
#N/A
#N/A
#N/A
4
575.6
11.95
48.2
3
472.2
7.41
63.7
Current Display Range:
LED Multiple
LED Multiple
LED Multiple
Optical Efficiency:
Electrical Efficiency:
Target Lumens :
LED 1
LED 2
LED 3
Cree XLamp MX-6S {CW/WW}
Q4 [100]
Fine
(0.1A - 0.7A)
Cree XLamp MX-6 {CW/WW}
Q3 [93.9]
Cree XLamp XP-E HEW {CW/NW/WW}
R2 [114]
SYS # LED
SYS lm tot
SYS W
SYS lm/W
Tsp (ºC)
Tsp (ºC)
Tsp (ºC)
x1
x1
x1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com