Electronic Components Datasheet Search
  English  ▼

X  

CLD-AP72 Datasheet(PDF) 5 Page - Cree, Inc

Part # CLD-AP72
Description  Cree® XLamp® A19 Reference Overview
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLD-AP72 Datasheet(HTML) 5 Page - Cree, Inc

  CLD-AP72 Datasheet HTML 1Page - Cree, Inc CLD-AP72 Datasheet HTML 2Page - Cree, Inc CLD-AP72 Datasheet HTML 3Page - Cree, Inc CLD-AP72 Datasheet HTML 4Page - Cree, Inc CLD-AP72 Datasheet HTML 5Page - Cree, Inc CLD-AP72 Datasheet HTML 6Page - Cree, Inc CLD-AP72 Datasheet HTML 7Page - Cree, Inc CLD-AP72 Datasheet HTML 8Page - Cree, Inc CLD-AP72 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
XLamp a19 RefeRence Design
Copyright © 2011-2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered
trademarks of Cree, Inc. For product specifications, please see the data sheets available at www.cree.com. For warranty information, please contact Cree Sales at sales@cree.com.
Characteristic
Requirement
luminous intensity distribution
products shall have an even distribution of luminous intensity (candelas) within the 0° to
135° zone (vertically axially symmetrical).
luminous intensity at any angle within this zone shall not differ from the mean luminous
intensity for the entire 0° to 135° zone by more than 20%.
At least 5% of total flux (lumens) must be emitted in the 135°-180° zone.
Distribution shall be vertically symmetrical as measured in three vertical planes at 0°, 45°
and 90°.
Maximum lamp diameter
Not to exceed target lamp diameter as per ANSI C78.20-2003.
Maximum overall length (MOL)
Not to exceed MOL for target lamp as per ANSI C78.20-2003.
lumen maintenance
l70 > 25,000 hours
rapid-cycle stress test
cycle times must be 2 minutes on, 2 minutes off. lamp will be cycled once for every 2
hours of required minimum l70 life.
color angular uniformity
The variation of chromaticity shall be within 0.004 from the weighted average point on the
cIe 1976 (u’, v’) diagram.
table 3: energy star requirements for omnidirectional lamps
The performance system performance requirements for non-standard and omnidirectional lamps, as shown in Tables 3
and 4, are essentially the same. The latter has defined luminous intensity distribution and minimum light output, which
allow the lamps to be compared more readily to the incandescent lamps they replace.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com