Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 4 Page - Texas Instruments

Part # AM3359
Description  Sitara??AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3359 Datasheet(HTML) 4 Page - Texas Instruments

  AM3359_13 Datasheet HTML 1Page - Texas Instruments AM3359_13 Datasheet HTML 2Page - Texas Instruments AM3359_13 Datasheet HTML 3Page - Texas Instruments AM3359_13 Datasheet HTML 4Page - Texas Instruments AM3359_13 Datasheet HTML 5Page - Texas Instruments AM3359_13 Datasheet HTML 6Page - Texas Instruments AM3359_13 Datasheet HTML 7Page - Texas Instruments AM3359_13 Datasheet HTML 8Page - Texas Instruments AM3359_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 236 page
background image
AM3359, AM3358, AM3357
AM3356, AM3354, AM3352
SPRS717F – OCTOBER 2011 – REVISED APRIL 2013
www.ti.com
•
Transfers to and from External Storage
• Security
(EMIF, General-Purpose Memory
– Crypto Hardware Accelerators (AES, SHA,
Controller, Slave Peripherals)
PKA, RNG)
• Inter-Processor Communication (IPC)
• Boot Modes
– Integrates Hardware-Based Mailbox for IPC
– Boot Mode is Selected via Boot
and Spinlock for Process Synchronization
Configuration Pins Latched on the Rising
Between the Cortex-A8, PRCM, and PRU-
Edge of the PWRONRSTn Reset Input Pin
ICSS
• Packages:
•
Mailbox Registers that Generate
– 298-Pin S-PBGA-N298 Via Channel™
Interrupts
package
–
Four Initiators (Cortex-A8, PRCM,
(ZCE Suffix), 0.65-mm Ball Pitch
PRU0, PRU1)
– 324-Pin S-PBGA-N324 package
•
Spinlock has 128 Software-Assigned
(ZCZ Suffix), 0.80-mm Ball Pitch
Lock Registers
1.2
Applications
•
Gaming Peripherals
•
Connected Vending Machines
•
Home and Industrial Automation
•
Weighing Scales
•
Consumer Medical Appliances
•
Educational Consoles
•
Printers
•
Advanced Toys
•
Smart Toll Systems
4
Device Summary
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com