Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 90 Page - Texas Instruments

Part # AM3359
Description  Sitara??AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3359 Datasheet(HTML) 90 Page - Texas Instruments

Back Button AM3359_13 Datasheet HTML 86Page - Texas Instruments AM3359_13 Datasheet HTML 87Page - Texas Instruments AM3359_13 Datasheet HTML 88Page - Texas Instruments AM3359_13 Datasheet HTML 89Page - Texas Instruments AM3359_13 Datasheet HTML 90Page - Texas Instruments AM3359_13 Datasheet HTML 91Page - Texas Instruments AM3359_13 Datasheet HTML 92Page - Texas Instruments AM3359_13 Datasheet HTML 93Page - Texas Instruments AM3359_13 Datasheet HTML 94Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 236 page
background image
AM3359, AM3358, AM3357
AM3356, AM3354, AM3352
SPRS717F – OCTOBER 2011 – REVISED APRIL 2013
www.ti.com
3.3
DC Electrical Characteristics
Table 3-13 summarizes the dc electrical characteristics.
Note: The interfaces or signals described in Table 3-13 correspond to the interfaces or signals available in
multiplexing mode 0. All interfaces or signals multiplexed on the terminals described in Table 3-13 have the same
dc electrical characteristics.
Table 3-13. DC Electrical Characteristics Over Recommended Ranges of Supply Voltage and Operating
Temperature (Unless Otherwise Noted)
PARAMETER
MIN
NOM
MAX
UNIT
DDR_RESETn,DDR_CSn0,DDR_CKE,DDR_CK,DDR_CKn,DDR_CASn,DDR_RASn,DDR_WEn,DDR_BA0,DDR_BA1,DDR_BA2,DDR_A
0,DDR_A1,DDR_A2,DDR_A3,DDR_A4,DDR_A5,DDR_A6,DDR_A7,DDR_A8,DDR_A9,DDR_A10,DDR_A11,DDR_A12,DDR_A13,DDR_A
14,DDR_A15,DDR_ODT,DDR_D0,DDR_D1,DDR_D2,DDR_D3,DDR_D4,DDR_D5,DDR_D6,DDR_D7,DDR_D8,DDR_D9,DDR_D10,DDR_
D11,DDR_D12,DDR_D13,DDR_D14,DDR_D15,DDR_DQM0,DDR_DQM1,DDR_DQS0,DDR_DQSn0,DDR_DQS1,DDR_DQSn1 pins
(mDDR - LVCMOS mode)
0.65 *
VIH
High-level input voltage
V
VDDS_DDR
0.35 *
VIL
Low-level input voltage
V
VDDS_DDR
VHYS
Hysteresis voltage at an input
0.07
0.25
V
High level output voltage, driver enabled, pullup
VDDS_DDR -
VOH
IOH = 8 mA
V
or pulldown disbaled
0.4
Low level output voltage, driver enabled, pullup
VOL
IOL = 8 mA
0.4
V
or pulldown disbaled
Input leakage current, Receiver disabled, pullup or pulldown
10
inhibited
II
µA
Input leakage current, Receiver disabled, pullup enabled
-240
-80
Input leakage current, Receiver disabled, pulldown enabled
80
240
Total leakage current through the terminal connection of a driver-
IOZ
receiver combination that may include a pullup or pulldown. The
10
µA
driver output is disabled and the pullup or pulldown is inhibited.
DDR_RESETn,DDR_CSn0,DDR_CKE,DDR_CK,DDR_CKn,DDR_CASn,DDR_RASn,DDR_WEn,DDR_BA0,DDR_BA1,DDR_BA2,DDR_A
0,DDR_A1,DDR_A2,DDR_A3,DDR_A4,DDR_A5,DDR_A6,DDR_A7,DDR_A8,DDR_A9,DDR_A10,DDR_A11,DDR_A12,DDR_A13,DDR_A
14,DDR_A15,DDR_ODT,DDR_D0,DDR_D1,DDR_D2,DDR_D3,DDR_D4,DDR_D5,DDR_D6,DDR_D7,DDR_D8,DDR_D9,DDR_D10,DDR_
D11,DDR_D12,DDR_D13,DDR_D14,DDR_D15,DDR_DQM0,DDR_DQM1,DDR_DQS0,DDR_DQSn0,DDR_DQS1,DDR_DQSn1 pins
(DDR2 - SSTL mode)
VIH
High-level input voltage
DDR_VREF +
V
0.125
VIL
Low-level input voltage
DDR_VREF -
V
0.125
VHYS
Hysteresis voltage at an input
NA
V
VOH
High-level output voltage, driver enabled, pullup
IOH = 8 mA
VDDS_DDR -
V
or pulldown disbaled
0.4
VOL
Low-level output voltage, driver enabled, pullup
IOL = 8 mA
0.4
V
or pulldown disbaled
Input leakage current, Receiver disabled, pullup or pulldown
10
inhibited
II
µA
Input leakage current, Receiver disabled, pullup enabled
-240
-80
Input leakage current, Receiver disabled, pulldown enabled
80
240
IOZ
Total leakage current through the terminal connection of a driver-
10
µA
receiver combination that may include a pullup or pulldown. The
driver output is disabled and the pullup or pulldown is inhibited.
90
Device Operating Conditions
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com