Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 95 Page - Texas Instruments

Part # AM3359
Description  Sitara??AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3359 Datasheet(HTML) 95 Page - Texas Instruments

Back Button AM3359_13 Datasheet HTML 91Page - Texas Instruments AM3359_13 Datasheet HTML 92Page - Texas Instruments AM3359_13 Datasheet HTML 93Page - Texas Instruments AM3359_13 Datasheet HTML 94Page - Texas Instruments AM3359_13 Datasheet HTML 95Page - Texas Instruments AM3359_13 Datasheet HTML 96Page - Texas Instruments AM3359_13 Datasheet HTML 97Page - Texas Instruments AM3359_13 Datasheet HTML 98Page - Texas Instruments AM3359_13 Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 236 page
background image
AM3359, AM3358, AM3357
AM3356, AM3354, AM3352
www.ti.com
SPRS717F – OCTOBER 2011 – REVISED APRIL 2013
Table 3-15. Power-Supply Decoupling Capacitor Characteristics (continued)
PARAMETER
TYP
UNIT
CVDDSHV4
(5)
10.02
μF
CVDDSHV5
(5)
10.02
μF
CVDDSHV6
(3)
10.06
μF
(1) Not available on the ZCE package.
(2) Typical values consist of 1 cap of 10
μF and 4 caps of 10 nF.
(3) Typical values consist of 1 cap of 10
μF and 6 caps of 10 nF.
(4) For more details on decoupling capacitor requirements for the mDDR(LPDDR), DDR2, DDR3, DDR3L memory interface, see
Section 5.6.2.1.2.6 and Section 5.6.2.1.2.7 when using mDDR(LPDDR) memory devices, Section 5.6.2.2.2.6 and Section 5.6.2.2.2.7
when using DDR2 memory devices, or Section 5.6.2.3.3.6 and Section 5.6.2.3.3.7 when using DDR3 or DDR3L memory devices.
(5) Typical values consist of 1 cap of 10
μF and 2 caps of 10 nF.
3.4.2
Output Capacitors
Internal low dropout output (LDO) regulators require external capacitors to stabilize their outputs. These
capacitors should be placed as close as possible to the respective terminals of the AM335x device. Table 3-16
summarizes the LDO output capacitor recommendations.
Table 3-16. Output Capacitor Characteristics
PARAMETER
TYP
UNIT
CCAP_VDD_SRAM_CORE
(1)
1
μF
CCAP_VDD_RTC
(1)(2)
1
μF
CCAP_VDD_SRAM_MPU
(1)
1
μF
CCAP_VBB_MPU
(1)
1
μF
(1) LDO regulator outputs should not be used as a power source for any external components.
(2) The CAP_VDD_RTC terminal operates as an input to the RTC core voltage domain when the RTC_KLDO_ENn terminal is high.
Copyright © 2011–2013, Texas Instruments Incorporated
Device Operating Conditions
95
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com