| Electronic Components Datasheet Search |
|
AM3359 Datasheet(PDF) 71 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM3359 Datasheet(HTML) 71 Page - Texas Instruments |
|
71 / 236 page ![]() AM3359, AM3358, AM3357 AM3356, AM3354, AM3352 www.ti.com SPRS717F – OCTOBER 2011 – REVISED APRIL 2013 2.3.6.2 GEMAC_CPSW Table 2-46. GEMAC_CPSW/MDIO Signals Description TYPE SIGNAL NAME [1] DESCRIPTION [2] ZCE BALL [4] ZCZ BALL [4] [3] mdio_clk MDIO Clk O R19 M18 mdio_data MDIO Data I/O P17 M17 Table 2-47. GEMAC_CPSW/MII1 Signals Description TYPE SIGNAL NAME [1] DESCRIPTION [2] ZCE BALL [4] ZCZ BALL [4] [3] gmii1_col MII Colision I J19 H16 gmii1_crs MII Carrier Sense I J18 H17 gmii1_rxclk MII Receive Clock I M19 L18 gmii1_rxd0 MII Receive Data bit 0 I P18 M16 gmii1_rxd1 MII Receive Data bit 1 I P19 L15 gmii1_rxd2 MII Receive Data bit 2 I N16 L16 gmii1_rxd3 MII Receive Data bit 3 I N17 L17 gmii1_rxdv MII Receive Data Valid I L19 J17 gmii1_rxer MII Receive Data Error I K19 J15 gmii1_txclk MII Transmit Clock I N19 K18 gmii1_txd0 MII Transmit Data bit 0 O L18 K17 gmii1_txd1 MII Transmit Data bit 1 O M18 K16 gmii1_txd2 MII Transmit Data bit 2 O N18 K15 gmii1_txd3 MII Transmit Data bit 3 O M17 J18 gmii1_txen MII Transmit Enable O K17 J16 Table 2-48. GEMAC_CPSW/MII2 Signals Description TYPE SIGNAL NAME [1] DESCRIPTION [2] ZCE BALL [4] ZCZ BALL [4] [3] gmii2_col MII Colision I V18 U18 gmii2_crs MII Carrier Sense I R15 T17 gmii2_rxclk MII Receive Clock I NA T15 gmii2_rxd0 MII Receive Data bit 0 I NA V17 gmii2_rxd1 MII Receive Data bit 1 I NA T16 gmii2_rxd2 MII Receive Data bit 2 I NA U16 gmii2_rxd3 MII Receive Data bit 3 I NA V16 gmii2_rxdv MII Receive Data Valid I NA V14 gmii2_rxer MII Receive Data Error I W18 U17 gmii2_txclk MII Transmit Clock I NA U15 gmii2_txd0 MII Transmit Data bit 0 O NA V15 gmii2_txd1 MII Transmit Data bit 1 O NA R14 gmii2_txd2 MII Transmit Data bit 2 O NA T14 gmii2_txd3 MII Transmit Data bit 3 O NA U14 gmii2_txen MII Transmit Enable O NA R13 Table 2-49. GEMAC_CPSW/RGMII1 Signals Description TYPE SIGNAL NAME [1] DESCRIPTION [2] ZCE BALL [4] ZCZ BALL [4] [3] rgmii1_rclk RGMII Receive Clock I M19 L18 Copyright © 2011–2013, Texas Instruments Incorporated Terminal Description 71 Submit Documentation Feedback Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |