Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 89 Page - Texas Instruments

Part # AM3359
Description  Sitara??AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3359 Datasheet(HTML) 89 Page - Texas Instruments

Back Button AM3359_13 Datasheet HTML 85Page - Texas Instruments AM3359_13 Datasheet HTML 86Page - Texas Instruments AM3359_13 Datasheet HTML 87Page - Texas Instruments AM3359_13 Datasheet HTML 88Page - Texas Instruments AM3359_13 Datasheet HTML 89Page - Texas Instruments AM3359_13 Datasheet HTML 90Page - Texas Instruments AM3359_13 Datasheet HTML 91Page - Texas Instruments AM3359_13 Datasheet HTML 92Page - Texas Instruments AM3359_13 Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 236 page
background image
AM3359, AM3358, AM3357
AM3356, AM3354, AM3352
www.ti.com
SPRS717F – OCTOBER 2011 – REVISED APRIL 2013
Table 3-12. Recommended Operating Conditions (continued)
PARAMETER
MIN
NOM
MAX
UNIT
SUPPLY NAME
DESCRIPTION
Voltage range for DDR SSTL and
DDR_VREF
HSTL reference input (DDR2,
0.49*VDDS_DDR
0.50*VDDS_DDR
0.51*VDDS_DDR
V
DDR3, DDR3L)
Voltage range for USB VBUS
USB0_VBUS
0.000
5.000
5.250
V
comparator input
Voltage range for USB VBUS
USB1_VBUS(6)
0.000
5.000
5.250
V
comparator input
Voltage range for the USB ID
USB0_ID
(7)
V
input
Voltage range for the USB ID
USB1_ID(6)
(7)
V
input
Commercial Temperature
0
90
Operating Temperature
Industrial Temperature
-40
90
°C
Range, Tj
Extended Temperature
-40
105
(1) The supply voltage defined by OPP100 should be applied to this power domain before the device is released from reset.
(2) Not available on the ZCE package. VDD_MPU is merged with VDD_CORE on the ZCE package.
(3) This supply is sourced from an internal LDO when RTC_KALDO_ENn is low. If RTC_KALDO_ENn is high, this supply must be sourced
from an external power supply.
(4) VDDS should be supplied irrespective of 1.8-V or 3.3-V mode of operation of the dual-voltage IOs.
(5) For more details on power supply requirements, see Section 4.1.4.
(6) Not available on the ZCE package.
(7) This terminal is connected to analog circuits in the respective USB PHY. The circuit sources a known current while measuring the
voltage to determine if the terminal is connected to VSSA_USB with a resistance less than 10
Ω or greater than 100 kΩ. The terminal
should be connected to ground for USB host operation or open-circuit for USB peripheral operation, and should never be connected to
any external voltage source.
Copyright © 2011–2013, Texas Instruments Incorporated
Device Operating Conditions
89
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com